Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALN2575T1 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN2575T1
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2575T1 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN2575T1 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2575T1 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2575T1 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2575T1 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
August 2017
plerowTM ALN2575T1
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
2.5
-13.32
-11.78
22.46
0.14
0.932
14.72
24.54
22
2.6
-14.95
-11.48
23.20
0.15
0.853
14.68
25.75
28
2.7
-16.73
-11.17
23.74
0.14
0.805
14.82
27.54
35
2.8
-18.28
-10.94
24.15
0.16
0.771
15.21
29.41
42
2.9
-19.49
-10.68
24.47
0.15
0.756
15.60
30.89
50
3.0
-20.22
-10.47
24.64
0.16
0.770
16.08
32.10
58
3.1
-20.63
-10.27
24.84
0.17
0.765
16.28
33.21
68
3.2
-20.56
-10.06
24.96
0.18
0.763
16.63
33.54
78
3.3
-20.30
-9.92
25.06
0.16
0.776
16.91
34.18
88
3.4
-19.91
-9.75
25.10
0.17
0.791
17.20
34.10
99
3.5
-19.36
-9.62
25.11
0.19
0.807
17.42
33.98
109
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-18.39
-10.38
24.80
0.15
0.493
15.47
30.71
50
- 20
C
-18.93
-10.73
24.72
0.12
0.569
15.56
31.35
53
0
C
19.54
-10.63
24.70
0.15
0.652
15.54
31.74
54
25
C
-20.29
-10.68
24.49
0.17
0.776
15.69
32.10
59
40
C
-20.66
-10.55
24.51
0.16
0.840
15.66
32.11
60
60
C
-20.81
-10.60
24.41
0.18
0.940
15.68
32.15
63
80
C
-21.13
-10.54
24.29
0.16
1.049
15.72
32.02
68
100
C
-21.11
-10.53
24.15
0.18
1.193
15.74
31.90
72
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com