Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALN2045 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN2045
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2045 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN2045 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2045 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2045 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2045 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
June 2017
plerowTM ALN2045
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-18.7
-14.8
27.3
0.1
0.946
17.35
33.73
68
4.6
-19.1
-14.7
27.4
0.1
0.943
17.69
34.29
71
4.7
-19.6
-14.6
27.4
0.1
0.955
17.90
34.84
73
4.8
-20.0
-14.5
27.5
0.1
0.944
18.17
35.26
75
4.9
-20.5
-14.5
27.6
0.1
0.913
18.44
35.65
77
5.0
-20.9
-14.4
27.6
0.1
0.935
18.60
36.06
79
5.1
-21.2
-14.3
27.7
0.1
0.937
18.94
36.36
81
5.2
-21.6
-14.2
27.7
0.1
0.931
19.21
36.81
83
5.3
-21.9
-14.2
27.8
0.1
0.924
19.31
37.00
85
5.4
-22.2
-14.1
27.8
0.1
0.924
19.47
37.40
87
5.5
-22.6
-14.1
27.9
0.1
0.925
19.68
37.59
89
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-21.4
-12.1
28.3
0.05
0.65
20.04
35.66
89
- 20
C
-21.0
-12.6
28.1
0.1
0.69
19.67
36.04
86
0
C
-21.3
-13.8
27.8
0.1
0.80
19.05
36.11
83
25
C
-21.0
-15.1
27.5
0.1
0.94
18.72
36.04
79
40
C
-20.8
-15.3
27.3
0.1
1.0
18.36
35.66
76
60
C
-21.1
-14.5
26.8
0.1
1.1
17.70
34.76
73
80
C
-20.6
-13.9
26.4
0.1
1.2
17.05
33.70
70
100
C
-20.3
-13.8
26.0
0.1
1.3
16.52
32.60
68
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com