Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2Z12 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2Z12
Description  TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2Z12 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2Z12 Datasheet HTML 1Page - Toshiba Semiconductor 2Z12 Datasheet HTML 2Page - Toshiba Semiconductor 2Z12 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2Z12~2Z51
2000-12-01 2/3
ELECTRICAL CHARACTERISTICS (Ta=25°C)
ZENER CHARACTERISTICS
FORWARD
VOLTAGE
REVERSE
CURRENT
ZENER VOLTAGE
VZ (V)
ZENER
IMPEDANCE
rd (Ω)
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
αT (mV / °C)
VF (V)
IR (µA)
TYPE
MIN.
TYP.
MAX.
MAX.
MEASURE-
MENT
CURRENT
IZ (mA)
TYP.
MAX.
MAX.
MEASURE-
MENT
CURRENT
IF (A)
MAX
MEASURE-
MENT
VOLTAGE
VR (V)
2Z12
10.8
12
13.2
30
10
8
13
1.2
0.2
5
10.2
2Z13
11.7
13
14.3
30
10
9
14
1.2
0.2
5
11.1
2Z15
13.5
15
16.5
30
10
11
17
1.2
0.2
5
12.8
2Z16
14.4
16
17.6
30
10
12
19
1.2
0.2
5
13.6
*2Z16A
15.2
16
16.8
30
10
12
19
1.2
0.2
5
13.6
2Z18
16.2
18
19.8
30
10
14
23
1.2
0.2
5
15.3
*2Z18A
17.1
18
18.9
30
10
14
23
1.2
0.2
5
15.3
2Z20
18.0
20
22.0
30
10
16
26
1.2
0.2
5
17.1
2Z22
19.8
22
24.2
30
10
18
28
1.2
0.2
5
18.8
2Z24
21.6
24
26.4
30
10
20
32
1.2
0.2
5
20.5
2Z27
24.3
27
29.7
30
10
23
36
1.2
0.2
5
23.1
*2Z27A
25.7
27
28.3
30
10
23
36
1.2
0.2
5
23.1
2Z30
27.0
30
33.0
30
10
25
40
1.2
0.2
5
25.6
2Z33
29.7
33
36.3
30
10
26
41
1.2
0.2
5
28.2
2Z36
32.4
36
39.6
30
9
28
45
1.2
0.2
5
30.8
2Z43
38.7
43
47.3
40
7
33
53
1.2
0.2
5
34.4
2Z47
42.3
47
51.7
65
6
38
60
1.2
0.2
5
40.2
2Z51
45.9
51
56.1
65
6
43
68
1.2
0.2
5
43.6
Note:
* Production upon request.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com