Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30L30CT Datasheet(PDF) 2 Page - International Rectifier

Part # 30L30CT
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30L30CT Datasheet(HTML) 2 Page - International Rectifier

  30L30CT Datasheet HTML 1Page - International Rectifier 30L30CT Datasheet HTML 2Page - International Rectifier 30L30CT Datasheet HTML 3Page - International Rectifier 30L30CT Datasheet HTML 4Page - International Rectifier 30L30CT Datasheet HTML 5Page - International Rectifier 30L30CT Datasheet HTML 6Page - International Rectifier 30L30CT Datasheet HTML 7Page - International Rectifier 30L30CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
30L30CT, 30L30CTS, 30L30CT-1
2
Bulletin PD-20555 rev. B 02/03
www.irf.com
VR
Max. DC Reverse Voltage (V)
30
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
Absolute Maximum Ratings
Parameters
Values
Units Conditions
I
F(AV)
Max. Average Forward
Per Device
30
A
50% duty cycle @ T
C
= 140°C, rectangular wave form
Current
Per Leg
15
I
FSM
Max. Peak One Cycle Non-Repetitive
1450
A
5µs Sine or 3µs Rect. pulse
Surge Current
220
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
15
mJ
T
J
= 25 °C, I
AS
= 2 Amps, L = 7.5 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
2
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
T
J
Max. Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC
Max. Thermal Resistance Junction
1.5
°C/W
DC operation
to Case (Per Leg)
R
thJC
Max. Thermal Resistance Junction
0.8
°C/W
DC operation
to Case (Per Package)
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
Values
Units Conditions
T
J
= 25 °C
T
J
= 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R
= rated V
R
Parameters
Values
Units Conditions
Parameters
30L30CT
30L30CTS
30L30CT-1
V
FM
Max. Forward Voltage Drop
0.46
V
@ 15A
(Per Leg)
(1)
0.57
V
@ 30A
0.37
V
@ 15A
0.50
V
@ 30A
I
RM
Max. Reverse Leakage Current
1.50
mA
T
J
= 25 °C
(Per Leg)
350
mA
T
J
= 125 °C
C
T
Max. Junction Capacitance(Per Leg)
1500
pF
V
R
= 5V
DC
(test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/µs
(Rated V
R
)
Following any rated
load condition and
with rated VRRM applied



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com