Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC4050 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 54HC4050
Description  CMOS Logic Hex Non-Inverting Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

54HC4050 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  54HC4050 Datasheet HTML 1Page - List of Unclassifed Manufacturers 54HC4050 Datasheet HTML 2Page - List of Unclassifed Manufacturers 54HC4050 Datasheet HTML 3Page - List of Unclassifed Manufacturers 54HC4050 Datasheet HTML 4Page - List of Unclassifed Manufacturers 54HC4050 Datasheet HTML 5Page - List of Unclassifed Manufacturers 54HC4050 Datasheet HTML 6Page - List of Unclassifed Manufacturers 54HC4050 Datasheet HTML 7Page - List of Unclassifed Manufacturers 54HC4050 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
All data sheets are subject to change without notice
©2001 Maxwell Technologies.
All rights reserved.
CMOS Logic Hex Non-Inverting Buffers
54HC4050
12.19.01 Rev 1
1000587
TABLE 4. 54HC4050 RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
V
CC
26
V
DC Input or output Voltage
V
I, VO
0V
CC
V
Input Rise and Fall Time
2V
4.5V
6V
--
1000
500
400
ns
Temperature Range
T
A
-55
125
°C
TABLE 5. 54HC4050 DC ELECTRICAL CHARACTERISTICS
(V
CC = 5V ±10%, TA = -55 TO 125°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
High Level Output Voltage
CMOS Loads
V
OH
V
I = VIH or VIL, IO = -0.02mA
V
CC = 2V
V
CC = 4.5V
V
CC = 6V
1.9
4.4
5.9
--
--
--
V
High Level Output Voltage
TTL Loads
V
I = VIH or VIL, IO = -4mA
V
CC = 4.5V
+25°C
3.98
--
-55 to 125°C
3.7
V
I = VIH or VIL, IO = -5.2mA
V
CC = 6V
+25°C
5.48
--
-55 to 125°C
5.2
--
Low Level Output Voltage
CMOS Loads
V
OL
V
I = VIH or VIL, IO = -0.02mA
V
CC = 2V
V
CC = 4.5V
V
CC = 6V
0.1
0.1
0.1
V
Low Level Output Voltage
TTL Loads
V
I = VIH or VIL, IO = 4mA
V
CC = 4.5V
+25°C
0.26
--
-55 to 125°C
0.4
--
V
I = VIH or VIL, IO = 5.2mA
V
CC = 6V
+25°C
0.36
--
-55 to 125°C
0.4
--
High Level Input Voltage
V
IH
V
CC = 2V
V
CC = 4.5V
V
CC = 6V
1.5
3.15
4.2
--
--
--
V
Low Level Input Voltage
V
IL
V
CC = 2V
V
CC = 4.5V
V
CC = 6V
--
--
--
0.5
1.35
1.8
V
Input Leakage Current
I
I
V
CC = 6V, VI = VCC or GND
+25°C
--
±0.1
µA
-55 to 125°C
--
±1
V
CC = 6V, VI = 15V
+25°C
--
±0.5
-55 to 125°C
--
±5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com