Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFB112 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IFB112
Description  Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IFB112 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IFB112 Datasheet HTML 1Page - Axiomtek Co., Ltd. IFB112 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
362
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
Ordering Information
Standard
IFB112-FL-DC
Robust DIN-rail fanless embedded system with i.MX 6UL
processor, 1 COM, 1 CAN bus, 2 LANs and DIO (2-IN/1-OUT)
(-40°C to +70°C)
Optional
Wall mount kit
Wireless (3G/GPS or Wi-Fi) module
Dimensions
Updated Jun. 19, 2017.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com