Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCD-040N002A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCD-040N002A
Description  40 x 2 Character LCD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-040N002A Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-040N002A Datasheet HTML 1Page - Vishay Siliconix LCD-040N002A Datasheet HTML 2Page - Vishay Siliconix LCD-040N002A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LCD-040N002A
www.vishay.com
Vishay
Revision: 09-Oct-12
2
Document Number: 37316
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DISPLAY CHARACTER ADDRESS CODE
Display Position
1234
56789
10
11
12
13
14
...
36
37
38
39
40
DD RAM Address
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
...
23
24
25
26
27
DD RAM Address
40
41
42
43
44
45
46
47
48
49
4A
4B
4C
4D
...
63
64
65
66
67
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1
VSS
Ground
2
VDD
+ 3 V or + 5 V
3
V0
Contrast adjustment
4
RS
H/L register select signal
5
R/W
H/L read/write signal
6E
H
 L enable signal
7
DB0
H/L data bus line
8
DB1
H/L data bus line
9
DB2
H/L data bus line
10
DB3
H/L data bus line
11
DB4
H/L data bus line
12
DB5
H/L data bus line
13
DB6
H/L data bus line
14
DB7
H/L data bus line
15
A/VEE
+ 4.2 V for LED/negative voltage output
16
K
Power supply for B/L (0 V)
DIMENSIONS in millimeters
182.0 ± 0.5
161.4
12.8
1.5
1
2
15
16
6 x Ø 1.0
175.0
93.5
3.5
4 x Ø 3.5 PTH
4 x Ø 5.5 PTH
147.5 (AA)
19.75
154.4 (VA)
16.3
LED B/L
1.6
13.6 Max.
9.0
EL or NO B/L
1.6
9.3 Max.
4.7
3.7
3.2
0.65
0.60
Dot Size
16 x Ø 1.0 PTH
16 x Ø 1.8 PAD
Pin Detail
2.54
2.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com