Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JD Datasheet(PDF) 1 Page - Intel Corporation

Part # 80960JD
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JD Datasheet(HTML) 1 Page - Intel Corporation

  80960JD Datasheet HTML 1Page - Intel Corporation 80960JD Datasheet HTML 2Page - Intel Corporation 80960JD Datasheet HTML 3Page - Intel Corporation 80960JD Datasheet HTML 4Page - Intel Corporation 80960JD Datasheet HTML 5Page - Intel Corporation 80960JD Datasheet HTML 6Page - Intel Corporation 80960JD Datasheet HTML 7Page - Intel Corporation 80960JD Datasheet HTML 8Page - Intel Corporation 80960JD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
80960JA/JF/JD/JT 3.3 V EMBEDDED
32-BIT MICROPROCESSOR
Advance Information Datasheet
Product Features
s
Pin/Code Compatible with all 80960Jx
Processors
s
High-Performance Embedded Architecture
— One Instruction/Clock Execution
— Core Clock Rate is:
80960JA/JF 1x the Bus Clock
80960JD 2x the Bus Clock
80960JT 3x the Bus Clock
— Load/Store Programming Model
— Sixteen 32-Bit Global Registers
— Sixteen 32-Bit Local Registers (8 sets)
— Nine Addressing Modes
— User/Supervisor Protection Model
s
Two-Way Set Associative Instruction
Cache
— 80960JA - 2 Kbyte
— 80960JF/JD - 4 Kbyte
— 80960JT - 16 Kbyte
— Programmable Cache-Locking
Mechanism
s
Direct Mapped Data Cache
— 80960JA - 1 Kbyte
— 80960JF/JD - 2 Kbyte
— 80960JT - 4 Kbyte
— Write Through Operation
s
On-Chip Stack Frame Cache
— Seven Register Sets Can Be Saved
— Automatic Allocation on Call/Return
— 0-7 Frames Reserved for High-Priority
Interrupts
s
On-Chip Data RAM
— 1 Kbyte Critical Variable Storage
— Single-Cycle Access
s
3.3 V Supply Voltage
— 5 V Tolerant Inputs
— TTL Compatible Outputs
s
High Bandwidth Burst Bus
— 32-Bit Multiplexed Address/Data
— Programmable Memory Configuration
— Selectable 8-, 16-, 32-Bit Bus Widths
— Supports Unaligned Accesses
— Big or Little Endian Byte Ordering
s
High-Speed Interrupt Controller
— 31 Programmable Priorities
— Eight Maskable Pins plus NMI
— Up to 240 Vectors in Expanded Mode
s
Two On-Chip Timers
— Independent 32-Bit Counting
— Clock Prescaling by 1, 2, 4 or 8
— lnternal Interrupt Sources
s
Halt Mode for Low Power
s
IEEE 1149.1 (JTAG) Boundary Scan
Compatibility
s
Packages
— 132-Lead Pin Grid Array (PGA)
— 132-Lead Plastic Quad Flat Pack
(PQFP)
— 196-Ball Mini Plastic Ball Grid Array
(MPBGA)
Order Number: 273159-001
March, 1998
Notice: This document contains information on products in the sampling and initial production
phases of development. The specifications are subject to change without notice. Verify with your
local Intel sales office that you have the latest datasheet before finalizing a design.


Similar Part No. - 80960JD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JD INTEL-80960JD Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
825Kb / 77P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
744Kb / 59P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
4Mb / 86P
80960JA/JF/JD/JS/JC/JT 3.3 V Embedded 32-Bit Microprocessor
80960JD-33 INTEL-80960JD-33 Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
More results

Similar Description - 80960JD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
EMBEDDED 32-BIT MICROPROCESSOR
80960SA INTEL-80960SA Datasheet
374Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
80960JA INTEL-80960JA Datasheet
825Kb / 77P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
A80960JD-66 INTEL-A80960JD-66 Datasheet
744Kb / 59P
3.3 V EMBEDDED 32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
RISController Embedded 32-bit Microprocessor, based on RISCore32300
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
logo
Intel Corporation
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
EMBEDDED 32-BIT MICROPROCESSOR
logo
Renesas Technology Corp
79RC32364 RENESAS-79RC32364 Datasheet
526Kb / 22P
RISControllerTM Embedded 32-bit Microprocessor, based on RISCore32300
June 20, 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com