Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7910 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7910
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910 Datasheet(HTML) 3 Page - Analog Devices

  AD7910 Datasheet HTML 1Page - Analog Devices AD7910 Datasheet HTML 2Page - Analog Devices AD7910 Datasheet HTML 3Page - Analog Devices AD7910 Datasheet HTML 4Page - Analog Devices AD7910 Datasheet HTML 5Page - Analog Devices AD7910 Datasheet HTML 6Page - Analog Devices AD7910 Datasheet HTML 7Page - Analog Devices AD7910 Datasheet HTML 8Page - Analog Devices AD7910 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. B
AD7910/AD7920
–3–
AD7920–SPECIFICATIONS1
(VDD = 2.35 V to 5.25 V, fSCLK = 5 MHz, fSAMPLE = 250 kSPS, TA = TMIN to TMAX, unless
otherwise noted.)
Parameter
A Grade
1, 2
B Grade
1, 2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 100 kHz Sine Wave
Signal-to-Noise + Distortion (SINAD)
3
70
70
dB min
VDD = 2.35 V to 3.6 V, TA = 25
∞C
69
69
dB min
VDD = 2.4 V to 3.6 V
71.5
71.5
dB typ
VDD = 2.35 V to 3.6 V
69
69
dB min
VDD = 4.75 V to 5.25 V, TA = 25
∞C
68
68
dB min
VDD = 4.75 V to 5.25 V
Signal-to-Noise Ratio (SNR)
3
71
71
dB min
VDD = 2.35 V to 3.6 V, TA = 25
∞C
70
70
dB min
VDD = 2.4 V to 3.6 V
70
70
dB min
VDD = 4.75 V to 5.25 V, TA = 25
∞C
69
69
dB min
VDD = 4.75 V to 5.25 V
Total Harmonic Distortion (THD)
3
–80
–80
dB typ
Peak Harmonic or Spurious Noise (SFDR)
3
–82
–82
dB typ
Intermodulation Distortion (IMD)
3
Second-Order Terms
–84
–84
dB typ
fa = 100.73 kHz, fb = 90.72 kHz
Third-Order Terms
–84
–84
dB typ
fa = 100.73 kHz, fb = 90.72 kHz
Aperture Delay
10
10
ns typ
Aperture Jitter
30
30
ps typ
Full Power Bandwidth
13.5
13.5
MHz typ
@ 3 dB
22
MHz typ
@ 0.1 dB
DC ACCURACY
B Grade
4
Resolution
12
12
Bits
Integral Nonlinearity
3
±1.5
LSB max
±0.75
LSB typ
Differential Nonlinearity
–0.9/+1.5
LSB max
Guaranteed No Missed Codes to 12 Bits
±0.75
LSB typ
Offset Error
3, 5
±1.5
LSB max
±1.5
±0.2
LSB typ
Gain Error
3, 5
±1.5
LSB max
±1.5
±0.5
LSB typ
Total Unadjusted Error (TUE)
3,5
±2
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to VDD
0 to VDD
V
DC Leakage Current
±0.5
±0.5
mA max
Input Capacitance
20
20
pF typ
Track-and-Hold in Track, 6 pF Typ when in Hold
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
1.8
1.8
V min
VDD = 2.35 V
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 3.6 V to 5.25 V
0.4
0.4
V max
VDD = 2.35 V to 3.6 V
Input Current, IIN, SCLK Pin
±0.5
±0.5
mA max
Typically 10 nA, VIN = 0 V or VDD
Input Current, IIN, CS Pin
±10
±10
nA typ
Input Capacitance, CIN
6
5
5
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD – 0.2
VDD – 0.2
V min
ISOURCE = 200
mA, VDD = 2.35 V to 5.25 V
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 200
mA
Floating-State Leakage Current
±1
±1
mA max
Floating-State Output Capacitance
6
55pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
3.2
3.2
ms max
16 SCLK Cycles with SCLK at 5 MHz
Track-and-Hold Acquisition Time
3
250
250
ns max
Throughput Rate
250
250
kSPS max
See Serial Interface Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com