Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP566BCP Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP566BCP
Description  Dual Ultrafast Voltage Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP566BCP Datasheet(HTML) 5 Page - Analog Devices

  ADCMP566BCP Datasheet HTML 1Page - Analog Devices ADCMP566BCP Datasheet HTML 2Page - Analog Devices ADCMP566BCP Datasheet HTML 3Page - Analog Devices ADCMP566BCP Datasheet HTML 4Page - Analog Devices ADCMP566BCP Datasheet HTML 5Page - Analog Devices ADCMP566BCP Datasheet HTML 6Page - Analog Devices ADCMP566BCP Datasheet HTML 7Page - Analog Devices ADCMP566BCP Datasheet HTML 8Page - Analog Devices ADCMP566BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADCMP566
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2. ADCMP566 Absolute Maximum Ratings
Parameter
Rating
Positive Supply Voltage
(VCC to GND)
−0.5 V to +6.0 V
Negative Supply Voltage
(VEE to GND)
−6.0 V to +0.5 V
Supply
Voltages
Ground Voltage Differential
−0.5 V to +0.5 V
Input Common-Mode
Voltage
−3.0 V to +4.0 V
Differential Input Voltage
−7.0 V to +7.0 V
Input
Voltages
Input Voltage,
Latch Controls
VEE to 0.5 V
Output
Output Current
30 mA
Operating Temperature,
Ambient
−40°C to +85°C
Operating Temperature,
Junction
125°C
Temperature
Storage Temperature Range
−65°C to +150°C
Stress above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CONSIDERATIONS
The ADCMP566 LFCSP 32-lead package option has a θJA
(junction-to-ambient thermal resistance) of 27.2°C/W in
still air.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com