Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1070 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1070
Description  -48 V Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070 Datasheet(HTML) 1 Page - Analog Devices

  ADM1070 Datasheet HTML 1Page - Analog Devices ADM1070 Datasheet HTML 2Page - Analog Devices ADM1070 Datasheet HTML 3Page - Analog Devices ADM1070 Datasheet HTML 4Page - Analog Devices ADM1070 Datasheet HTML 5Page - Analog Devices ADM1070 Datasheet HTML 6Page - Analog Devices ADM1070 Datasheet HTML 7Page - Analog Devices ADM1070 Datasheet HTML 8Page - Analog Devices ADM1070 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
ADM1070
–48 V Hot Swap Controller
FUNCTIONAL BLOCK DIAGRAM
VCC AND
REFERENCE
GENERATOR
OVER-UNDER
VOLTAGE DETECTION
CIRCUIT
FAULT TIMER AND
CONTROL
OSCILLATOR
SENSE
0V
VDD
R1
R2
–48V
VEE
UV/OV
TIMER
RDROP
12V
16k
VIN
VCC
VREF
EN
100mV
VIN
45 A
GATE
VEE
RSENSE
CLOAD
VOUT
()*
*OPTIONAL TIMER CAPACITOR
ADM1070
Q1
FEATURES
Allows Safe Board Insertion and Removal from a Live
–48 V Backplane
Typically Operates from –36 V to –80 V
Tolerates Transients up to –200 V (Limited by External
Components)
Accurate Programmable Linear Current Limit for
In-Rush Control and Short Circuit Protection
Programmable Timeout in Current Limit
Limited Consecutive Retry:
Auto-Restart after Current Limit Timeout
Shutdown after Seven Consecutive Auto Restarts
Provides Immunity from Step Induced Current Spikes
Default Timing Provided with no TIMER Capacitor
Single Pin Undervoltage/Overvoltage Detection
Programmable Operating Voltage Window
Programmable Undervoltage/Overvoltage Time Filter
Small 6-Lead SOT-23 Package
APPLICATIONS
Central Office Switching
–48 V Distributed Power Systems
Negative Power Supply Control
Hot Board Insertion
Electronic Circuit Breaker
High Availability Servers
Programmable Current Limiting Circuit
–48 V Power Supply Modules
GENERAL DESCRIPTION
The ADM1070 is a negative voltage hot swap controller that
allows a board to be safely inserted and removed from a live
–48 V backplane. The part achieves this by providing robust
current limiting, protection against transient and nontransient
short circuits and overvoltage and undervoltage conditions. The
ADM1070 typically operates from a negative voltage of up to
–80 V and can tolerate transient voltages of up to –200 V.
In-rush current is limited to a programmable value by control-
ling the gate drive of an external N-channel FET. The current
limit can be controlled by the choice of the sense resistor,
RSENSE. Added control of the in-rush current is provided by an
on-chip timer that uses pulsewidth modulation to allow the
maximum current to flow for only 3% of the time. An autorestart
occurs after a current limit timeout. After seven successive
autorestarts, the fault will be latched and the part goes into
shutdown with the result that the external FET is disabled until
the power is reset.
The ADM1070 also features single-pin undervoltage and over-
voltage detection. The FET is turned off if a nontransient
voltage less than the undervoltage threshold, typically –36 V, or
greater than the overvoltage threshold, typically –77 V, is detected
on the UV/OV Pin. The operating voltage window of the
ADM1070 is programmable and is determined by the ratio R1/R2.
Time filtering on the undervoltage and overvoltage detection
and current limiting is programmable via the TIMER Pin. An
external capacitor connected between the TIMER Pin and VEE
determines the undervoltage/overvoltage time filter and the
timeout in current limit. If the pin is tied to VEE, the time filter
values and the current limit timeout revert to default figures.
The ADM1070 is fabricated using BiCMOS technology for mini-
mal power consumption. The part is available in a small
6-Lead SOT-23 package.


Similar Part No. - ADM1070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1070EB AD-ADM1070EB Datasheet
239Kb / 12P
ADM1070 Hot Swap Controller Evaluation Kit Documentation
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
48 V Hot Swap Controller
REV. 0
More results

Similar Description - ADM1070

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
Texas Instruments
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
SIMPLE-48-V HOT SWAP CONTROLLER
logo
Linear Technology
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
SIMPLE -48-V HOT SWAP CONTROLLER
TPS2399DGKG4 TI1-TPS2399DGKG4 Datasheet
993Kb / 28P
-48-V HOT SWAP CONTROLLER FOR REDUNDANT-SUPPLY SYSTEMS
logo
Analog Devices
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
48 V Hot Swap Controller
REV. 0
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
Full-Feature 48 V Hot Swap Controller
REV. B
logo
Linear Technology
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
logo
ON Semiconductor
TPS2398 ONSEMI-TPS2398 Datasheet
363Kb / 15P
-48 V Hot Swap Controller for Redundant Supply Systems
August, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com