Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8831 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN8831
Description  Thermoelectric Cooler (TEC) Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8831 Datasheet(HTML) 1 Page - Analog Devices

  ADN8831 Datasheet HTML 1Page - Analog Devices ADN8831 Datasheet HTML 2Page - Analog Devices ADN8831 Datasheet HTML 3Page - Analog Devices ADN8831 Datasheet HTML 4Page - Analog Devices ADN8831 Datasheet HTML 5Page - Analog Devices ADN8831 Datasheet HTML 6Page - Analog Devices ADN8831 Datasheet HTML 7Page - Analog Devices ADN8831 Datasheet HTML 8Page - Analog Devices ADN8831 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Thermoelectric Cooler (TEC)
Controller
Preliminary Technical Data
ADN8831
FEATURES
True current sensing and over current protection
Separate heating and cooling current limits
High efficiency: >90%
Long-term temperature stability: 0.1°C
Temperature lock indication
Temperature monitoring output
Oscillator synchronization with an external signal
Clock phase adjustment for multiple controllers
Programmable switching frequency up to 1MHz
Programmable maximum TEC voltage
Low noise: <0.05% TEC current ripple
TEC current monitoring
Compact 5mm x 5mm LFCSP
APPLICATIONS
Thermoelectric Cooler (TEC) temperature control
Resistive heating element control
Temperature-Stabilization Substrate (TSS) control
FUNCTIONAL BLOCK DIAGRAM
MOSFET
Drivers
Heating
ILim
Limiter
Controls
PID
Compensation
Network
Error
Amplifier
Oscillator
2.5V
Reference
Cooling
ILim
VLim
Freq/Phase
Control
Temp
Set Input
Thermistor
Input
GENERAL DESCRIPTION
The ADN8831 is a monolithic controller that drives a
Thermoelectric Cooler (TEC) to stabilize the temperature of a
laser diode or a passive component used in
telecommunications equipment.
This device relies on a Negative Temperature Coefficient
(NTC) thermistor or a positive temperature coefficient RTD
device to sense the temperature of the object attached to the
TEC. The target temperature is set with an analog input
voltage either from a DAC or with an external resistor divider.
The loop is stabilized by a PID compensation amplifier with
high stability and low noise. The compensation network can
be adjusted by the user to optimize temperature settling time.
The component values for this network can be calculated
based on the thermal transfer function of the laser diode or
obtained from the look-up table given in the applications
notes.
Voltage outputs are provided to monitor both the temperature
of the object and the voltage across the TEC. A 2.5V voltage
reference is provided for the thermistor temperature sensing
bridge.
An external sense resistor provides true current sensing.
Current limits for both heating and cooling can be set
independently.
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADN8831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8831 AD-ADN8831 Datasheet
1Mb / 30P
Ultracompact 4A, 15V, Full Bridge Driver with SPI
ADN8831 AD-ADN8831 Datasheet
647Kb / 27P
Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
9/2018-Rev. A to Rev. B
ADN8831 AD-ADN8831 Datasheet
899Kb / 27P
Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
ADN8831-EVALZ AD-ADN8831-EVALZ Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831-EVALZ AD-ADN8831-EVALZ Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
More results

Similar Description - ADN8831

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830 Datasheet
416Kb / 24P
Thermoelectric Cooler Controller
11/03-Data Sheet Changed from REV. B to REV. C.
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8834 AD-ADN8834 Datasheet
1Mb / 27P
Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
REV. A
LTM4663 AD-LTM4663 Datasheet
2Mb / 24P
Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
02/21-REV.A
ADN8835 AD-ADN8835 Datasheet
647Kb / 27P
Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
9/2018-Rev. A to Rev. B
ADN8834 AD-ADN8834_V01 Datasheet
899Kb / 27P
Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com