Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLS12B Datasheet(PDF) 3 Page - Chip Integration Technology Corporation

Part # SLS12B
Description  1A Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SLS12B Datasheet(HTML) 3 Page - Chip Integration Technology Corporation

  SLS12B Datasheet HTML 1Page - Chip Integration Technology Corporation SLS12B Datasheet HTML 2Page - Chip Integration Technology Corporation SLS12B Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
■
■
■
■
■
■
CITC reserves the right to make changes to this document and its products and specifications at any
time without notice.
Customers should obtain and confirm the latest product information and specifications before final
design, purchase or use.
CITC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does CITC assume any liability for application assistance or customer product
design.
CITC does not warrant or accept any liability with products which are purchased or used for any
unintended or unauthorized application.
No license is granted by implication or otherwise under any intellectual property rights of CITC.
CITC products are not authorized for use as critical components in life support devices or systems
without express written approval of CITC.
http://www.citcorp.com.tw/
Tel:886-3-5600628
Fax:886-3-5600636
Add:Rm. 3, 2F., No.32, Taiyuan St., Zhubei City, Hsinchu County 302, Taiwan (R.O.C.)
1A Surface Mount Schottky Barrier Rectifiers
■ SMB foot print
Dimensions in inches and (millimeters)
A
C
B
B
0.098 (2.50)
A
0.091 (2.30)
C
0.071 (1.80)
Document ID : DS-12K2P
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
SLS12B THRU SLS14B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com