Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0506ST Datasheet(PDF) 7 Page - Chip Integration Technology Corporation

Part # T0506ST
Description  Ultra-Low Capacitance ESD Protection Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0506ST Datasheet(HTML) 7 Page - Chip Integration Technology Corporation

  T0506ST Datasheet HTML 1Page - Chip Integration Technology Corporation T0506ST Datasheet HTML 2Page - Chip Integration Technology Corporation T0506ST Datasheet HTML 3Page - Chip Integration Technology Corporation T0506ST Datasheet HTML 4Page - Chip Integration Technology Corporation T0506ST Datasheet HTML 5Page - Chip Integration Technology Corporation T0506ST Datasheet HTML 6Page - Chip Integration Technology Corporation T0506ST Datasheet HTML 7Page - Chip Integration Technology Corporation T0506ST Datasheet HTML 8Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Tape and Reel Specification
W
P
P0
P2
Φ2: 1.50±0.10
E
F
A0
B0
K0
T
Top
Cover
Tape
5 Max
Pin1 Location
Device Orientation in Tape
Φ: 0.80±0.05
Symbol
W
A0
B0
K0
E
F
P
P0
P2
T
Dimensions
(mm)
8.00+0.3
-0.1
1.23
±0.05 2.7±0.05 0.7±0.05 1.75±0.1 3.5±0.05 4.0±0.1 4.0±0.1 2.0±0.05 0.25±0.02
Marking Codes
506ST
Pin1 Identification
Note:
(1)
Ordering Information
Part Number
Working
Voltage
Quantity
Per Reel
Reel Size
5V
3,000
7 Inch
T0506ST
T
"T506ST" is part number, fixed.
o
T0506ST
Chip Integration Technology Corporation
Document ID : DS-22V11
Revised Date : 2016/08/30
Revision : C
Ultra-Low Capacitance ESD Protection Device



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com