Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0534TL Datasheet(PDF) 7 Page - Chip Integration Technology Corporation

Part # T0534TL
Description  Low Capacitance ESD Protection Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0534TL Datasheet(HTML) 7 Page - Chip Integration Technology Corporation

  T0534TL Datasheet HTML 1Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 2Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 3Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 4Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 5Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 6Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 7Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 8Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 9Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Tape and Reel Specification
W
P
P0
P2
Φ2: 1.50±0.1
E
F
A0
B0
K0
T
Top
Cover
Tape
5° Max
Pin1 Location
Device Orientation in Tape
Φ: 1.0±0.1
Symbol
W
A0
B0
K0
E
F
P
P0
P2
T
Dimensions
(mm)
8.00+0.3
-0.1
3.23±0.05
3.17±0.05
1.37±0.05
1.75±0.1
3.5±0.05
4.0±0.1
4.0±0.1
2.0±0.05
0.25±0.02
R
W1
W
M
N
S
H
K
Symbol
Reel Size
M
N
W
W1
H
S
K
R
Dimensions
(mm)
Φ178
178.0±1.0
60.0±1.0
11.5±0.5
9.0±0.5
13.0±0.5
2.0±0.1
11.0±0.2
1.0±0.05
Chip Integration Technology Corporation
Low Capacitance ESD Protection Device
T0534TL
Document ID : DS-22V20
Revised Date : 2017/07/20
Revision : C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com