Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5111-ICSIL Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT83C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111-ICSIL Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT83C5111-ICSIL Datasheet HTML 3Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 4Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 5Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 6Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 7Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 8Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 9Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 10Page - ATMEL Corporation AT83C5111-ICSIL Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
7
AT8xC5111
4190A–8051–11/02
Clock System
The AT8xC5111 oscillator system provides a reliable clocking system with full mastering
of speed versus CPU power trade off. Several clock sources are possible:
•
External clock input
•
High-speed crystal or ceramic oscillator
•
Integrated high-speed RC oscillator
The selected clock source can be divided by 2 - 512 before clocking the CPU and the
peripherals. When X2 function is set, the CPU needs 6 clock periods per cycle.
Clocking is controlled by several SFR registers: OSCON, CKCON0, CKCON1, CKRL.
Blocks Description
The AT8xC5111 includes the following oscillators:
•
Crystal oscillator
•
Integrated high-speed RC oscillator, with typical frequency of 12 MHz
Crystal Oscillator: OSCA
The crystal oscillator uses two external pins, XTAL1 for input and XTAL2 for output.
Both crystal and ceramic resonators can be used. An oscillator source on XTAL1 is
mandatory to start the product.
OSCAEN in OSCCON register is an enable signal for the crystal oscillator or the exter-
nal oscillator input.
Integrated High-speed RC
Oscillator: OSCB
The high-speed RC oscillator typical frequency is 12 MHz. Note that the on chip oscilla-
tor has a ±50% frequency tolerance and may not be suitable for use in some
applications.
OSCBEN in OSCCON register is an enable signal for the high-speed RC oscillator.
Clock Selector
CKS bit in CKS register is used to select from crystal to RC oscillator.
OSCBEN bit in OSCCON register is used to enable the RC oscillator.
OSCAEN bit in OSCCON register is used to enable the crystal oscillator or the external
oscillator input.
Clock Prescaler
Before supplying the CPU and the peripherals, the main clock is divided by a factor of 2
to 512, as defined by the CKRL register. The CPU needs from 12 to 256*12 clock peri-
ods per instruction. This allows:
•
to accept any cyclic ratio to be accepted on XTAL1 input.
•
to reduce the CPU power consumption.
The X2 bit allows to bypass the clock prescaler; in this case, the CPU needs only 6 clock
periods per machine cycle. In X2 mode, as this divider is bypassed, the signals on
XTAL1 must have a cyclic ratio between 40 to 60%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com