Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS22 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # FS22
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FS22 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  FS22 Datasheet HTML 1Page - GOOD-ARK Electronics FS22 Datasheet HTML 2Page - GOOD-ARK Electronics FS22 Datasheet HTML 3Page - GOOD-ARK Electronics FS22 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FS22 thru FS24
Surface Mount Schottky Rectifier
Reverse Voltage 20~40V Forward Current 2A
Features
• Super Low VF Schottky barrier diodes
• Very low profile - typical height of 1.0 mm
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies and other consumer applications.
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
TJ
°C
TSTG
°C
IF=1A,TA=25℃
VF
Volts
IF=2A,TA=25℃
VF
Volts
TA=25℃
uA
TA=125℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to ambient
RθJA
juntion to case
RθJC
juntion to mount
RθJM
Note:1),The thermal resistance from junction to ambient,case or mount,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
120
95
℃/W
60
35
Maximum instantaneous
forward voltage
0.50
0.55
Maximum DC reverse current
at rated DC blocking voltage
IR
200
30
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
FS22
FS23
FS24
Unit
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
50
Operating junction temperature range
- 55 to + 150
Storage temperature range
- 55 to + 150
Maximum DC blocking voltage
20
30
40
Maximum average forward rectified current
2.0
Maximum repetitive peak reverse voltage
20
30
40
Maximum RMS voltage
14
21
28
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
FS22
FS23
FS24
Unit
eSGA
(SOD-123FL)
www.goodark.com
1/4
2014.04-Rev.A


Similar Part No. - FS22

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FS220 FEELING-FS220 Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
FS220LF-A FEELING-FS220LF-A Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
FS220LF-B FEELING-FS220LF-B Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
FS220LF-C FEELING-FS220LF-C Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
logo
Littelfuse
FS224 LITTELFUSE-FS224 Datasheet
410Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
More results

Similar Description - FS22

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com