Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS36 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LS36
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS36 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LS36 Datasheet HTML 1Page - GOOD-ARK Electronics LS36 Datasheet HTML 2Page - GOOD-ARK Electronics LS36 Datasheet HTML 3Page - GOOD-ARK Electronics LS36 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS36
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 3A
Features
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
TJ, TSTG
°C
IF=3A, TA=25℃
IF=3A, TA=125℃
TA=25℃
uA
TA=125℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
juntion to lead
RθJL1)
℃/W
Note1:Thermal resistance from junction to lead,mounted on PCB with 8.0×8.0mm copper pads
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LS36
Unit
Maximum repetitive peak reverse voltage
60
Maximum RMS voltage
42
Maximum DC blocking voltage
60
Maximum average forward rectified current at TL
(See Fig.1)
3.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
100
Operating junction and storage temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
TYP
MAX
Unit
Instantaneous forward voltage
VF
-
0.70
Volts
0.55
-
Maximum DC reverse current
at rated DC blocking voltage
IR
500
100
234
20
eSGB (SMAF)
www.goodark.com
1/4
2014.3-Rev.A


Similar Part No. - LS36

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
LS36 FS-LS36 Datasheet
132Kb / 2P
Schottky Rectifier
logo
EDSYN Inc.
LS363 EDSYN-LS363 Datasheet
77Kb / 2P
Desoldering Tools & Accessories.
logo
GOOD-ARK Electronics
LS36A GOOD-ARK-LS36A Datasheet
205Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
LS36 GOOD-ARK-LS36_15 Datasheet
193Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
More results

Similar Description - LS36

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com