Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU808DFH Datasheet(PDF) 1 Page - STMicroelectronics

Part # BU808DFH
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU808DFH Datasheet(HTML) 1 Page - STMicroelectronics

  BU808DFH Datasheet HTML 1Page - STMicroelectronics BU808DFH Datasheet HTML 2Page - STMicroelectronics BU808DFH Datasheet HTML 3Page - STMicroelectronics BU808DFH Datasheet HTML 4Page - STMicroelectronics BU808DFH Datasheet HTML 5Page - STMicroelectronics BU808DFH Datasheet HTML 6Page - STMicroelectronics BU808DFH Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BU808DFH
HIGH VOLTAGE FAST-SWITCHING
NPN POWER DARLINGTON TRANSISTOR
s
NEW Fully Plastic TO-220 for HIGH
VOLTAGE APPLICATIONS
s
NPN MONOLITHIC DARLINGTON WITH
INTEGRATED FREE-WHEELING DIODE
s
HIGH VOLTAGE CAPABILITY ( > 1400 V )
s
HIGH DC CURRENT GAIN ( TYP. 150 )
s
LOW BASE-DRIVE REQUIREMENTS
s
DEDICATED APPLICATION NOTE AN1184
s
FULLY INSULATED PACKAGE (U.L.
COMPLIANT) FOR EASY MOUNTING
s
CREEPAGE PATH > 4 mm
APPLICATIONS
s
COST EFFECTIVE SOLUTION FOR
HORIZONTAL DEFLECTION IN LOW END
TV UP TO 21 INCHES.
DESCRIPTION
The BU808DFH is a NPN transistor in monolithic
Darlington configuration. It is manufactured using
Multiepitaxial Mesa technology for cost-effective
high performance.
®
INTERNAL SCHEMATIC DIAGRAM
April 2002
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
1400
V
VCEO
Collector-Emitter Voltage (IB = 0)
700
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
8
A
ICM
Collector Peak Current (tp < 5 ms)
10
A
IB
Base Current
3
A
IBM
Base Peak Current (tp < 5 ms)
6
A
Ptot
Total Dissipation at Tc = 25
o C42
W
Visol
Insulation Withstand Voltage (RMS) from All
Three Leads to Exernal Heatsink
2500
V
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
TO-220FH
(see page 6)
1/7


Similar Part No. - BU808DFH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU808DFI STMICROELECTRONICS-BU808DFI Datasheet
72Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
Jun-2000
logo
Sunspirit Electronic Lt...
BU808DFI-LF SUNSPIRIT-BU808DFI-LF Datasheet
1Mb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
logo
STMicroelectronics
BU808DFP STMICROELECTRONICS-BU808DFP Datasheet
71Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
Jun-2000
BU808DFX STMICROELECTRONICS-BU808DFX Datasheet
266Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
Apr-2007
logo
Sunspirit Electronic Lt...
BU808DFX-LF SUNSPIRIT-BU808DFX-LF Datasheet
1Mb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
More results

Similar Description - BU808DFH

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2317 NTE-NTE2317 Datasheet
28Kb / 2P
Silicon NPN Transistor High Voltage Fast Switching Power Darlington
logo
STMicroelectronics
BU808DFI STMICROELECTRONICS-BU808DFI Datasheet
72Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
Jun-2000
BU808DFP STMICROELECTRONICS-BU808DFP Datasheet
71Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
Jun-2000
BU810 STMICROELECTRONICS-BU810 Datasheet
63Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Jun-1997
logo
Fairchild Semiconductor
BU806 FAIRCHILD-BU806 Datasheet
41Kb / 4P
High Voltage & Fast Switching Darlington Transistor
logo
List of Unclassifed Man...
BU808 ETC-BU808 Datasheet
72Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
logo
STMicroelectronics
BU810 STMICROELECTRONICS-BU810_00 Datasheet
51Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Dec-2000
logo
Sunspirit Electronic Lt...
BU808DFX-LF SUNSPIRIT-BU808DFX-LF Datasheet
1Mb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
BU808DFI-LF SUNSPIRIT-BU808DFI-LF Datasheet
1Mb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
logo
STMicroelectronics
BU808DFX STMICROELECTRONICS-BU808DFX Datasheet
266Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
Apr-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com