Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU877 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCU877
Description  1.8V PHASE LOCK LOOP CLOCK DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCU877 Datasheet HTML 2Page - Texas Instruments CDCU877 Datasheet HTML 3Page - Texas Instruments CDCU877 Datasheet HTML 4Page - Texas Instruments CDCU877 Datasheet HTML 5Page - Texas Instruments CDCU877 Datasheet HTML 6Page - Texas Instruments CDCU877 Datasheet HTML 7Page - Texas Instruments CDCU877 Datasheet HTML 8Page - Texas Instruments CDCU877 Datasheet HTML 9Page - Texas Instruments CDCU877 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CDCU877/CDCU877A
1.8V PHASE LOCK LOOP CLOCK DRIVER
SCAS688A − JUNE 2003 − REVISED JANUARY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
AVDD,
VDDQ
MIN
TYP
MAX
UNIT
VIK
Input (cl inputs)
II = 18 mA
1.7 V
−1.2
V
VOH
High-level output voltage
IOH = −100 µA
1.7 V to
1.9 V
VDDQ
− 0.2
V
VOH
High-level output voltage
IOH = −9 mA
1.7 V
1.1
V
VOL
Low-level output voltage
IOL = 100 µA
0.1
V
VOL
Low-level output voltage
IOL = 9 mA
1.7 V
0.6
V
IO(DL)
Low-level output current, disabled
VO(DL) = 100 mV, OE = L
1.7 V
100
µA
VOD
Differential output voltage (see Note 1)
1.7 V
0.5
V
CK, CK
1.9 V
±250
II
Input current
OE, OS,
FBIN, FBIN
1.9 V
±10
µA
IDD(LD) Supply current, static (IDDQ + IADD)
CK and CK = L
1.9 V
500
µA
IDD
Supply current, dynamic (IDDQ + IADD)
(see Note 2 for CPD calculation)
CK and CK = 270 MHz,
All outputs are open
(not connected to a PCB)
1.9 V
135
mA
IDD
DDQ
ADD
(see Note 2 for CPD calculation)
All outputs are loaded with 2 pF and
120-
Ω termination resistor
1.9 V
235
mA
CI
Input capacitance
CK, CK
VI = VDD or GND
1.8 V
2
3
pF
CI
Input capacitance
FBIN, FBIN
VI = VDD or GND
1.8 V
2
3
pF
CI )
Change in input current
CK, CK
VI = VDD or GND
1.8 V
0.25
pF
CI(∆)
Change in input current
FBIN, FBIN
VI = VDD or GND
1.8 V
0.25
pF
NOTES:
1. VOD is the magnitude of the difference between the true and complimentary outputs. See Figure 9 for a definition.
2. Total IDD =IDDQ +IADD =fCK ×CPD ×VDDQ, solving for CPD = (IDDQ +IADD)/(fCK ×VDDQ) where fCK is the input frequency, VDDQ
is the power supply, and CPD is the power dissipation capacitance.
timing requirements over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCK
Clock frequency (operating, see Notes 1 and 2)
AVDD, VDD = 1.8 V ±0.1 V
10
400
MHz
fCK
Clock frequency (application, see Notes 1 and 3)
AVDD, VDD = 1.8 V ±0.1 V
160
340
MHz
tDC
Duty cycle, input clock
AVDD, VDD = 1.8 V ±0.1 V
40%
60%
tL
Stabilization time (see Note 4)
AVDD, VDD = 1.8 V ±0.1 V
12
µs
NOTES:
1. The PLL must be able to handle spread spectrum induced skew.
2. Operating clock frequency indicates a range over which the PLL must be able to lock, but in which it is not required to meet the other
timing parameters (used for low speed system debug).
3. Application clock frequency indicates a range over which the PLL must meet all timing parameters.
4. Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal
after power up. During normal operation, the stabilization time is also the time required for the integrated PLL circuit to obtain phase
lock of its feedback signal to its reference signal when CK and CK go to a logic low state, enter the power-down mode and later return
to active operation. CK and CK may be left floating after they have been driven low for one complete clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com