Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU877ZQL Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCU877ZQL
Description  1.8V PHASE LOCK LOOP CLOCK DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877ZQL Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCU877ZQL Datasheet HTML 3Page - Texas Instruments CDCU877ZQL Datasheet HTML 4Page - Texas Instruments CDCU877ZQL Datasheet HTML 5Page - Texas Instruments CDCU877ZQL Datasheet HTML 6Page - Texas Instruments CDCU877ZQL Datasheet HTML 7Page - Texas Instruments CDCU877ZQL Datasheet HTML 8Page - Texas Instruments CDCU877ZQL Datasheet HTML 9Page - Texas Instruments CDCU877ZQL Datasheet HTML 10Page - Texas Instruments CDCU877ZQL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CDCU877/CDCU877A
1.8V PHASE LOCK LOOP CLOCK DRIVER
SCAS688A − JUNE 2003 − REVISED JANUARY 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Note 1)
AVDD, VDD = 1.8 V ±0.1 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ten
Enable time, OE to any Y/Y
See Figure 11
8
ns
tdis
Disable time, OE to any Y/Y
See Figure 11
8
ns
tjit(cc+)
Cycle-to-cycle period jitter (see Note 8)
160 MHz to 190 MHz, see Figure 4
0
40
ps
tjit(cc−)
Cycle-to-cycle period jitter (see Note 8)
160 MHz to 190 MHz, see Figure 4
0
−40
ps
tjit(cc+)
Cycle-to-cycle period jitter (see Note 8)
190 MHz to 340 MHz, see Figure 4
0
30
ps
tjit(cc−)
Cycle-to-cycle period jitter (see Note 8)
190 MHz to 340 MHz, see Figure 4
0
−30
ps
t(ϕ)
Static phase offset time (see Note 2)
See Figure 5
−50
50
ps
t(ϕ)dyn Dynamic phase offset time
See Figure 10
−15
15
ps
tsk(o)
Output clock skew
See Figure 6
35
ps
tjit(per) Period jitter (see Notes 3 and 8)
160 MHz to 190 MHz, see Figure 7
−30
30
ps
tjit(per) Period jitter (see Notes 3 and 8)
190 MHz to 340 MHz, see Figure 7
−20
20
ps
160 MHz to 190 MHz, see Figure 8
−115
115
ps
tjit(hper) Half-period jitter (see Notes 3 and 8)
190 MHz to 250 MHz, see Figure 8
−70
70
ps
tjit(hper) Half-period jitter (see Notes 3 and 8)
250 MHz to 300 MHz, see Figure 8
−40
40
ps
300 MHz to 340 MHz, see Figure 8
−60
60
ps
Slew rate, OE
See Figure 3 and Figure 9
0.5
V/ns
SR
Input clock skew rate
See Figure 3 and Figure 9
1
2.5
4
V/ns
SR
Output clock slew rate
(see Notes 4 and 5)
See Figure 3 and Figure 9
1.5
2.5
3
V/ns
VOX
Output differential-pair cross voltage
See Figure 2, CDCU877
(VDDQ/2)
− 0.1
(VDDQ/2)
+ 0.1
V
VOX
Output differential-pair cross voltage
(see Note 6)
See Figure 2, CDCU877A (see Note 7)
(0−85
°C)
(VDDQ/2)
− 0.1
(VDDQ/2)
+ 0.1
V
SSC modulation frequency
30
33
kHz
SSC clock input frequency deviation
0%
−0.5%
PLL loop bandwidth
2
MHz
NOTES:
1. There are two different terminations that are used with the following tests. The load/board in Figure 2 is used to measure the input
and output differential-pair cross voltage only. The load/board in Figure 3 is used to measure all other tests. For consistency, equal
length cables must be used.
2. Phase static offset time does not include jitter.
3. Period jitter, half-period jitter specifications are separate specifications that must be met independently of each other.
4. The output slew rate is determined from the IBIS model into the load shown in Figure 3.
5. To eliminate the impact of input slew rates on static phase offset, the input skew rates of reference clock input CK and CK and
feedback clock inputs FBIN and FBIN are recommended to be nearly equal. The 2.5-V/ns skew rates are shown as a recommended
target. Compliance with these typical values is not mandatory if it can adequately shown that alternative characteristics meet the
requirements of the registered DDR2 DIMM application.
6. Output differential-pair cross voltage specified at the DRAM clock input or the test load.
7. VOX of CDCU877A is on average 30 mV lower than that of CDCU877 for the same application.
8. This parameter is assured by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com