Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7626BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7626BCPZ
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7626BCPZ Datasheet HTML 15Page - Analog Devices AD7626BCPZ Datasheet HTML 16Page - Analog Devices AD7626BCPZ Datasheet HTML 17Page - Analog Devices AD7626BCPZ Datasheet HTML 18Page - Analog Devices AD7626BCPZ Datasheet HTML 19Page - Analog Devices AD7626BCPZ Datasheet HTML 20Page - Analog Devices AD7626BCPZ Datasheet HTML 21Page - Analog Devices AD7626BCPZ Datasheet HTML 22Page - Analog Devices AD7626BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AD7626
Data Sheet
Rev. D | Page 18 of 29
TYPICAL CONNECTION DIAGRAM
AD7626
CREF
10µF1, 2
V+
ADR4348
ADR444
CONVERSION4
CONTROL
CMOS (CNV+ ONLY)
OR
LVDS CNV+ AND CNV–
USING 100Ω
TERMINATION RESISTOR
DIGITAL INTERFACE SIGNALS
DIGITAL HOST
LVDS TRANSMIT AND RECEIVE
VDD1
VDD2
CAP1
REFIN
EN0
EN1
VDD2
24
23
22
21
20
19
18
GND
IN+
IN–
VCM
VDD1
VDD1
VDD2
10nF
100nF
100nF
10µF
ADR2808
VIO
10kΩ3
10kΩ
CONTROL FOR
ENABLE
PINS
VIO
(2.5V)
5
100Ω
100Ω
PADDLE
CAPACITOR ON OUTPUT
FOR STABILITY
10µF1
100nF
100nF
FERRITE
BEAD6
VDD1
(5V)
VDD2
(2.5V)
VDD1
(5V)
VDD2
(2.5V)
100nF
VDD2
(2.5V)
IN+
IN–
VCM
SEE THE DRIVING
THE AD7625 SECTION7
8
9
10
11
12
13
14
15
16
17
100Ω
100Ω
1
2
3
4
5
6
7
32
31
30
29
28
27
26
25
1 SEE THE LAYOUT, DECOUPLING, AND GROUNDING SECTION.
2 C
REF IS USUALLY A 10µF CERAMIC CAPACITOR WITH LOW ESR AND ESL.
3 USE PULL-UP OR PULL-DOWN RESISTORS TO CONTROL EN0 AND EN1 DURING POWER-UP. EN0 AND EN1 INPUTS CAN BE
FIXED IN HARDWARE OR CONTROLLED USING A DIGITAL HOST (EN0 = 0 AND EN1 = 0 PUTS THE ADC IN POWER-DOWN).
4 OPTION TO USE A CMOS (CNV+) OR LVDS (CNV±) INPUT TO CONTROL CONVERSIONS.
5 TO ENABLE SELF-CLOCKED MODE, TIE DCO+ TO GND.
6 CONNECT PIN 19 AND PIN 20 TO VDD1 SUPPLY; ISOLATE THE TRACE TO PIN 19 AND PIN 20 FROM THE TRACE TO PIN 1 USING A
FERRITE BEAD SIMILAR TO WURTH 74279266.
7 SEE THE DRIVING THE AD7626 SECTION FOR DETAILS ON AMPLIFIER CONFIGURATIONS.
8 SEE THE VOLTAGE REFERENCE OPTIONS SECTION FOR DETAILS.
Figure 31. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com