Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9230 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9230
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9230 Datasheet HTML 17Page - Analog Devices AD9230 Datasheet HTML 18Page - Analog Devices AD9230 Datasheet HTML 19Page - Analog Devices AD9230 Datasheet HTML 20Page - Analog Devices AD9230 Datasheet HTML 21Page - Analog Devices AD9230 Datasheet HTML 22Page - Analog Devices AD9230 Datasheet HTML 23Page - Analog Devices AD9230 Datasheet HTML 24Page - Analog Devices AD9230 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AD9230
Rev. 0 | Page 20 of 32
85
80
75
70
65
60
55
50
1.01.11.21.31.41.51.6
1.7
1.8
VCM (V)
SNR (dB)
SFDR (dBc)
Figure 46. SNR/SFDR vs. Common-Mode Voltage;
250 MSPS, 70.3 MHz @ −1 dBFS
80
40
45
50
55
60
65
70
75
50
300
250
200
150
100
SAMPLE RATE (MSPS)
SNR (dB)
SFDR (dBc)
Figure 47. SNR/SFDR vs. Sample Rate;
250 MSPS, 170.3 MHz @ −1 dBFS
85
80
75
70
65
60
0.9
1.6
1.5
1.4
1.3
1.2
1.1
1.0
ANALOG INPUT RANGE (MHz)
SNR (dBFS)
SFDR (dBFS)
Figure 48. SNR/SFDR vs. Analog Input Range;
250 MSPS, 170.3 MHz @ −1 dBFS
90
20
30
40
50
60
70
80
0
102030
405060708090
100
INPUT CLOCK DUTY CYCLE (% CLK+ HIGH)
SNR (dBFS) w/ DCS ON
SFDR (dBFS) w/ DCS ON
SNR (dBFS) w/ DCS OFF
SFDR (dBFS) w/ DCS OFF
Figure 49. SNR/SFDR vs. Sample Clock Duty Cycle;
250 MSPS, 170.3 MHz @ −1 dBFS
2.5
2.0
1.5
1.0
0.5
0
–0.5
–60
120
100
80
60
40
20
0
–20
–40
TEMPERATURE (°C)
AD9230-210
AD9230-250
AD9230-170
Figure 50. Gain vs. Temperature
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
–40 –30 –20 –10
0
90
80
70
60
50
40
30
20
10
TEMPERATURE (°C)
AD9230-170
AD9230-210
AD9230-250
Figure 51. Offset vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com