Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9262 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9262
Description  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9262 Datasheet HTML 17Page - Analog Devices AD9262 Datasheet HTML 18Page - Analog Devices AD9262 Datasheet HTML 19Page - Analog Devices AD9262 Datasheet HTML 20Page - Analog Devices AD9262 Datasheet HTML 21Page - Analog Devices AD9262 Datasheet HTML 22Page - Analog Devices AD9262 Datasheet HTML 23Page - Analog Devices AD9262 Datasheet HTML 24Page - Analog Devices AD9262 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AD9262
Rev. A | Page 20 of 32
Table 11. Common Modulator Clock Multiplication Factors
CLK±
(MHz)
0x0A[5:0]
(PLLMULT)
fVCO
(MHz)
fMOD
(MHz)
BW
(MHz)
30.72
42
1290.24
645.12
10.08
39.3216
32
1258.29
629.15
9.83
52.00
25
1300.00
650.00
10.16
61.44
21
1290.24
645.12
10.08
76.80
17
1305.60
652.80
10.20
78.00
17
1326.00
663.00
10.36
78.6432
16
1258.29
629.15
9.83
89.60
15
1344.00
672.00
10.50
92.16
14
1290.24
645.12
10.08
122.88
10
1228.80
614.40
9.60
134.40
10
1344.00
672.00
10.50
153.60
8
1228.80
614.40
9.60
157.2864
8
1258.29
629.15
9.83
Jitter Considerations
The aperture jitter requirements for continuous time Σ-Δ conver-
ters may be more forgiving than Nyquist rate converters. The
continuous time Σ-Δ architecture is an oversampled system
and to accurately represent the analog input signal to the ADC,
a large number of output samples must be averaged together. As
a result, the jitter contribution from each sample is root sum
squared, resulting in a more subtle impact on noise perfor-
mance as compared to Nyquist converters where aperture
jitter has a direct impact on each sampled output.
In the block diagram of the continuous time Σ-Δ modulator
(see Figure 37), the two building blocks most susceptible to
jitter are the quantizer and the DAC. The error introduced
through the sampling process is reduced by the loop gain and
shaped in the same way as the quantization noise and, therefore,
its effect can be neglected. On the contrary, the jitter error
associated with the DAC directly adds to the input signal, thus
increasing the in-band noise power and degrading the modulator
performance. The SNR degradation due to jitter can be
represented by the following equation.
SNR = −20 log (2πfanalogtjitter_rms) dB
where fanalog is the analog input frequency and tjitter_rms is the jitter.
The SNR performance of the AD9262 remains constant within
the input bandwidth of the converter, from DC to 10 MHz.
Therefore, the minimal jitter specification is determined at the
highest input frequency. From the calculation, the aperture
jitter of the input clock must be no greater than 1 ps to achieve
optimal SNR performance.
POWER DISSIPATION AND STANDBY MODE
The AD9262 power consumption can be further reduced by
configuring the chip in channel power-down, standby, or sleep
mode. The low power modes turn off internal blocks of the chip,
including the reference. As a result, the wake-up time is depen-
dent on the amount of circuitry that is turned off. Fewer internal
circuits that are powered down result in proportionally shorter
wake-up time. The low power modes are shown in Table 12.
In the standby mode, all clock related activity and the output
channels are disabled. Only the references and CMOS outputs
remain powered up to ensure a short recovery and link integr-
ity. During sleep mode, all internal circuits are powered down,
putting the device into its lowest power mode, and the CMOS
outputs are disabled.
Each ADC channel can be independently powered down or
both channels can be set simultaneously by writing to the
channel index, Register 0x05[1:0].
Table 12. Low Power Modes
Mode
0x08[1:0]
Analog Circuitry
Clock
Ref
Normal
0x0
On
On
On
Power-Down
0x1
Off
On
On
Standby
0x2
Off
Off
On
Sleep
0x3
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com