Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9626 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9626
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9626 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9626 Datasheet HTML 9Page - Analog Devices AD9626 Datasheet HTML 10Page - Analog Devices AD9626 Datasheet HTML 11Page - Analog Devices AD9626 Datasheet HTML 12Page - Analog Devices AD9626 Datasheet HTML 13Page - Analog Devices AD9626 Datasheet HTML 14Page - Analog Devices AD9626 Datasheet HTML 15Page - Analog Devices AD9626 Datasheet HTML 16Page - Analog Devices AD9626 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AD9626
Rev. 0 | Page 12 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, rated sample rate, DCS enabled, TA = 25°C, 1.25 V p-p differential input, AIN = −1 dBFS, unless
otherwise noted.
0
–140
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
10
20
30
40
50
60
70
80
170MSPS
10.3MHz @ –1.0dBFS
SNR: 64.5dB
ENOB: 10.6 BITS
SFDR: 84dBFS
Figure 11. AD9626-170 64k Point Single-Tone FFT; 170 MSPS, 10.3 MHz
0
–140
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
10
20
30
40
50
60
70
80
170MSPS
70.3MHz @ –1.0dBFS
SNR: 64.4dB
ENOB: 10.5 BITS
SFDR: 79dBFS
Figure 12. AD9626-170 64k Point Single-Tone FFT; 170 MSPS, 70.3 MHz
0
–140
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
10
20
30
40
50
60
70
80
170MSPS
140.3MHz @ –1.0dBFS
SNR: 63.7dB
ENOB: 10.4 BITS
SFDR: 80dBc
Figure 13. AD9626-170 64k Point Single-Tone FFT; 170 MSPS, 140.3 MHz
35k
0
N – 4
BIN
30k
25k
20k
15k
10k
5k
N – 3 N – 2 N – 1
N
N + 1 N + 2 N + 3 N + 4
Figure 14. AD9626-170 Grounded Input Histogram; 170 MSPS
90
50
0
500
ANALOG INPUT FREQUENCY (MHz)
85
80
75
70
65
60
55
50
100
150
200
250
300
350
400
450
SFDR (+85°C)
SFDR (+25°C)
SFDR (–40°C)
SNR (–40°C)
SNR (+25°C)
SNR (+85°C)
Figure 15. AD9626-170 Single-Tone SNR/SFDR vs. Input Frequency (fIN) and
Temperature with 1.25 V p-p Full Scale; 170 MSPS
100
0
90
0
AMPLITUDE (–dBFS)
90
80
70
60
50
40
30
20
10
80
70
60
50
40
30
20
10
SNR (dB)
SFDR (dBc)
SNR (dBFS)
SFDR (dBFS)
Figure 16. AD9626-170 SNR/SFDR vs. Input Amplitude; 140.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com