Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9627 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9627
Description  1.8 V Dual Analog-to-Digital Converter
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9627 Datasheet HTML 17Page - Analog Devices AD9627 Datasheet HTML 18Page - Analog Devices AD9627 Datasheet HTML 19Page - Analog Devices AD9627 Datasheet HTML 20Page - Analog Devices AD9627 Datasheet HTML 21Page - Analog Devices AD9627 Datasheet HTML 22Page - Analog Devices AD9627 Datasheet HTML 23Page - Analog Devices AD9627 Datasheet HTML 24Page - Analog Devices AD9627 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
AD9627
Rev. B | Page 20 of 76
EQUIVALENT CIRCUITS
VIN
Figure 8. Equivalent Analog Input Circuit
1.2V
10k
Ω
10k
Ω
CLK+
CLK–
AVDD
Figure 9. Equivalent Clock Input Circuit
DRVDD
DRGND
Figure 10. Digital Output
SDIO/DCS
1k
Ω
26k
Ω
DRVDD
DRVDD
Figure 11. Equivalent SDIO/DCS or SMI SDFS Circuit
SCLK/DFS
1k
Ω
26k
Ω
Figure 12. Equivalent SCLK/DFS Input Circuit
SENSE
1k
Ω
Figure 13. Equivalent SENSE Circuit
CSB
1k
Ω
26k
Ω
AVDD
Figure 14. Equivalent CSB Input Circuit
VREF
AVDD
6k
Ω
Figure 15. Equivalent VREF Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com