Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61577-IP1 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # CS61577-IP1
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS61577-IP1 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button CS61577-IP1 Datasheet HTML 25Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 26Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 27Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Interfacing The CS61577 With the CS62180B
T1 Transceiver
To interface with the CS62180B, connect the de-
vices as shown in Figure A5. In this case, the line
interface and CS62180B are in host mode con-
trolled by a microprocessor serial interface. If the
line interface is used in Hardware Mode, then the
line interface RCLK output must be inverted be-
fore being input to the CS62180B. If the
CS61577 is used in Extended Hardware Mode,
the RCLK output does not have to be inverted be-
fore being input to the CS62180B.
ACLK
TCLK
RCLK
RPOS
RNEG
TPOS
TNEG
CS62180B
CLKE
SCLK
INT
SDO
SDI
TCLK
TPOS
TNEG
RNEG
RPOS
RCLK
SCLK
SDO
SDI
TO HOST CONTROLLER
V+
100k
1.544 MHz
CLOCK
SIGNAL
CS61577
CS
CS
V+
22k
MODE
Figure A4. Interfacing the CS61577 with a CS62180B
(Host Mode)
CS61577
DS155PP2
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com