Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9268-105EBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9268-105EBZ
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268-105EBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9268-105EBZ Datasheet HTML 22Page - Analog Devices AD9268-105EBZ Datasheet HTML 23Page - Analog Devices AD9268-105EBZ Datasheet HTML 24Page - Analog Devices AD9268-105EBZ Datasheet HTML 25Page - Analog Devices AD9268-105EBZ Datasheet HTML 26Page - Analog Devices AD9268-105EBZ Datasheet HTML 27Page - Analog Devices AD9268-105EBZ Datasheet HTML 28Page - Analog Devices AD9268-105EBZ Datasheet HTML 29Page - Analog Devices AD9268-105EBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
AD9268
Rev. A | Page 25 of 44
EQUIVALENT CIRCUITS
VIN
Figure 55. Equivalent Analog Input Circuit
AVDD
CLK+
CLK–
0.9V
10k
Ω
10k
Ω
Figure 56. Equivalent Clock Input Circuit
DRVDD
PAD
Figure 57. Digital Output
26k
Ω
350
Ω
DRVDD
SDIO/DCS
Figure 58. Equivalent SDIO/DCS Circuit
26k
Ω
350
Ω
DRVDD
SCLK/DFS
OR OEB
Figure 59. Equivalent SCLK/DFS or OEB Input Circuit
350
Ω
AVDD
SENSE
Figure 60. Equivalent SENSE Circuit
26k
Ω
350
Ω
DRVDD
CSB
Figure 61. Equivalent CSB Input Circuit
6k
Ω
AVDD
VREF
Figure 62. Equivalent VREF Circuit
26k
Ω
350
Ω
PDWN
Figure 63. Equivalent PDWN Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com