Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECCSR120 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECCSR120
Description  1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCSR120 Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECCSR120 Datasheet HTML 1Page - E-CMOS Corporation ECCSR120 Datasheet HTML 2Page - E-CMOS Corporation ECCSR120 Datasheet HTML 3Page - E-CMOS Corporation ECCSR120 Datasheet HTML 4Page - E-CMOS Corporation ECCSR120 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.0A Surface Mount Schottky Barrier
Rectifiers - 20V-200V
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 5
4L05N-Rev. F001
ECCSR120-ECCSR1200
Features
◆ Batch process design, excellent power dissipation offers better
reverse leakage current and thermal resistance.
◆ Low profile surface mounted application in order to optimize
board space.
◆ Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "H" indicates Halogen-free parts, ex. ECCSR120L1HR
Mechanical Data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, DO-214AC / SMA
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.05 gram
Maximum ratings and Electrical Characteristics (At TA=25 oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.2
IO
1.0
A
Forward surge current
8.3ms single half sine-wave
(JEDEC methode)
IFSM
30
A
VR = VRRM TJ = 25
0.5
Reverse current
VR = VRRM TJ = 125
IR
10
mA
Junction to ambient
R
θJA
64
Thermal resistance
Junction to case
R
θJC
32
Diode junction capacitance
f=1MHz and applied 4V DC reverse voltage
CJ
120
pF
Storage temperature
TSTG
-65
175


Similar Part No. - ECCSR120

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCSR0011-MH1 E-CMOS-ECCSR0011-MH1 Datasheet
323Kb / 4P
1.0A Surface Mount Super Fast Rectifiers-50-600V
ECCSR0011-MH1-H E-CMOS-ECCSR0011-MH1-H Datasheet
323Kb / 4P
1.0A Surface Mount Super Fast Rectifiers-50-600V
ECCSR0012-MH1 E-CMOS-ECCSR0012-MH1 Datasheet
323Kb / 4P
1.0A Surface Mount Super Fast Rectifiers-50-600V
ECCSR0012-MH1-H E-CMOS-ECCSR0012-MH1-H Datasheet
323Kb / 4P
1.0A Surface Mount Super Fast Rectifiers-50-600V
ECCSR0013-MH1 E-CMOS-ECCSR0013-MH1 Datasheet
323Kb / 4P
1.0A Surface Mount Super Fast Rectifiers-50-600V
More results

Similar Description - ECCSR120

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
Microdiode Semiconducto...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
E-CMOS Corporation
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
SS12 PACELEADER-SS12 Datasheet
550Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com