Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2CC810SC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2CC810SC
Description  1:10 Clock Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC810SC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2CC810SC Datasheet HTML 1Page - Cypress Semiconductor CY2CC810SC Datasheet HTML 2Page - Cypress Semiconductor CY2CC810SC Datasheet HTML 3Page - Cypress Semiconductor CY2CC810SC Datasheet HTML 4Page - Cypress Semiconductor CY2CC810SC Datasheet HTML 5Page - Cypress Semiconductor CY2CC810SC Datasheet HTML 6Page - Cypress Semiconductor CY2CC810SC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
COMLINK™ SERIES
CY2CC810
Document #: 38-07056 Rev. *C
Page 5 of 7
INPUT
OUTPUT
t
PLH
t
PHL
tsk
(P) =
l t
PHL - tPLH l
3V
1.5V
0V
VOH
1.5V
VOL
Figure 9. Pulse Skew–tsk(p)
IN P U T
OU T P U T 1
t
PL H 1
t
PHL 1
ts k
(P ) =
l t
PLH 2 - t PL H 1 l or tPHL 2 - t PH L1 l
3V
1.5V
0V
VO H
1.5V
VO L
OU T P U T 2
VO H
1.5V
VO L
ts k
(O )
tsk
(O )
t
PL H 2
t
PL H 2
Figure 10. Output Skew–tsk(0)
INPUT
PACKAGE 1 OUTPUT
t
PLH1
t
PHL1
tsk
(t) =
l t
PLH2 - tPLH1 l or tPHL2 - tPHL1 l
3V
1.5V
0V
VOH
1.5V
VOL
PACKAGE 2 OUTPUT
VOH
1.5V
VOL
tsk
(t)
tsk
(t)
t
PLH 2
t
PLH 2
Figure 11. Package Skew–tsk(t)
Ordering Information
Part Number
Package Type
Product Flow
CY2CC810SI
20-pin SOIC
Industrial, –40
°C to 85°C
CY2CC810SIT
20-pin SOIC–Tape and Reel
Industrial, –40
°C to 85°C
CY2CC810OI
20-pin SSOP
Industrial, –40
°C to 85°C
CY2CC810OIT
20-pin SSOP–Tape and Reel
Industrial, –40
°C to 85°C
CY2CC810SC
20-pin SOIC
Commercial, 0
°C to 70°C
CY2CC810SCT
20-pin SOIC–Tape and Reel
Commercial, 0
°C to 70°C
CY2CC810OC
20-pin SSOP
Commercial, 0
°C to 70°C
CY2CC810OCT
20-pin SSOP–Tape and Reel
Commercial, 0
°C to 70°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com