Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2CC810OC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2CC810OC
Description  1:10 Clock Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC810OC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2CC810OC Datasheet HTML 1Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 2Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 3Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 4Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 5Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 6Page - Cypress Semiconductor CY2CC810OC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
COMLINK™ SERIES
CY2CC810
Document #: 38-07056 Rev. *C
Page 2 of 7
Maximum Ratings[1][2]
Storage Temperature: ................................ –65
°C to + 150°C
Ambient Temperature:................................... –40
°C to +85°C
Supply Voltage to Ground Potential
VCC .................................................................. –0.5V to 4.6V
Input ................................................................. –0.5V to 5.8V
Supply Voltage to Ground Potential
(Outputs only) ........................................... –0.5V to VDD + 1V
DC Output Voltage.................................... –0.5V to VDD + 1V
Power Dissipation........................................................ 0.75W
Notes:
1.
Stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. This is intended to be a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
2.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
DC Electrical Characteristics @ 3.3V (see Figure 5)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
V
OH
Output High Voltage
VDD = Min., VIN = VIH or VIL
IOH = –12 mA
2.3
3.3
V
VOL
Output Low Voltage
VDD = Min., VIN = VIH or VIL
IOL = 12 mA
0.2
0.5
V
V
IH
Input High Voltage
Guaranteed Logic High Level
2
5.8
V
V
IL
Input Low Voltage
Guaranteed Logic Low Level
0.8
V
IIH
Input High Current
VDD = Max.
VIN = 2.7V
1
uA
I
IL
Input Low Current
VDD = Max.
VIN = 0.5V
–1uA
I
I
Input High Current
VDD = Max., VIN = VDD(Max.)
20
uA
VIK
Clamp Diode Voltage
VDD = Min., IIN = –18 mA
–0.7
–1.2
V
I
OK
Continuous Clamp Current
VDD = Max., VOUT = GND
–50
mA
O
OFF
Power-down Disable
VDD = GND, VOUT = < 4.5V
100
uA
VH
Input Hysteresis
VDD = Min., VIN = VIH or VIL
80
mV
DC Electrical Characteristics @ 2.5V (see Figure 1)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
V
OH
Output High Voltage
VDD = Min., VIN = VIH or VIL
IOH = –7 mA
1.8
V
IOH = 12 mA
1.6
V
V
OL
Output Low Voltage
VDD = Min., VIN = VIH or VIL
IOL = 12 mA
0.65
V
V
IH
Input High Voltage
Guaranteed Logic High Level
1.6
5.0
V
VIL
Input Low Voltage
Guaranteed Logic Low Level
0.8
V
I
IH
Input High Current
VDD = Max.
VIN = 2.4V
1
uA
I
IL
Input Low Current
VDD = Max.
VIN = 0.5V
–1uA
II
Input High Current
VDD = Max., VIN = VDD(Max.)
20
uA
V
IK
Clamp Diode Voltage
VDD = Min., IIN = –18 mA
–0.7
–1.2
V
I
OK
Continuous Clamp Current
VDD = Max., VOUT = GND
–50
mA
OOFF
Power-down Disable
VDD = GND, VOUT = < 4.5V
100
uA
V
H
Input Hysteresis
80
mV
Capacitance
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
Cin
Input Capacitance
VIN = 0V
2.5
pF
Cout
Output Capacitance
VOUT = 0V
6.5
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com