Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSKA5M50B00-R3 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # TPSKA5M50B00-R3
Description  Ceramic Traps
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TPSKA5M50B00-R3 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  TPSKA5M50B00-R3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TPSKA5M50B00-R3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TPSKA5M50B00-R3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of TPSKA5M50B00-R3 from the official website of Murata Manufacturing
Co., Ltd.
https://www.murata.com/en-us/products/productdetail?partno=TPSKA5M50B00-R3
TPSKA5M50B00-R3
Appearance & Shape
Applications
Other Usage
Audio Visual Equipment
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-R3
180mm Embossed Tape
3000
Features
SMD ceramic trap TPSKA_B is a small and thin SMD trap sealed
with a metal cap. Recommended for LCD-TVs, and small and thin
tuners.
Features
1. High attenuation and high performance group delay time
2. Small and thin package
3. Reflow-solderable
1 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last
updated 2017/11/09


Similar Part No. - TPSKA5M50B00-R3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPSKA5M50B00-R3 MURATA-TPSKA5M50B00-R3 Datasheet
194Kb / 3P
Operating Temperature Range
logo
Murata Manufacturing Co...
TPSKA5M50B00-R3 MURATA1-TPSKA5M50B00-R3 Datasheet
1Mb / 77P
(Filters/Traps/Discriminators) for Audio/Visual Equipment
TPSKA5M50B00-R3 MURATA1-TPSKA5M50B00-R3 Datasheet
323Kb / 3P
Ceramic Traps
04/15/2024
TPSKA5M50B00-R3 MURATA1-TPSKA5M50B00-R3_V01 Datasheet
323Kb / 3P
Ceramic Traps
04/15/2024
More results

Similar Description - TPSKA5M50B00-R3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
Traps for TV/VCR
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
CERAMIC FILTERS
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
CERAMIC FILTER
logo
YAGEO Corporation
CC0402JRNPO9BN390 YAGEO-CC0402JRNPO9BN390 Datasheet
360Kb / 14P
SURFACE-MOUNT CERAMIC CERAMIC
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Murata Manufacturing Co...
TPSKA4M50B00-R3 MURATA-TPSKA4M50B00-R3_17 Datasheet
212Kb / 3P
Ceramic Traps
TPSKA6M00B00-R3 MURATA-TPSKA6M00B00-R3_17 Datasheet
211Kb / 3P
Ceramic Traps
TPSKA6M50B00-R3 MURATA-TPSKA6M50B00-R3_17 Datasheet
211Kb / 3P
Ceramic Traps
logo
Murata Manufacturing Co...
SFE10.7 MURATA1-SFE10.7 Datasheet
1Mb / 77P
(Filters/Traps/Discriminators) for Audio/Visual Equipment
logo
Spirax Sarco Limited.
TD62 SPIRAX-TD62 Datasheet
35Kb / 2P
Thermo-Dynamic® Steam Traps
August 1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com