Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFO2175-873 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IFO2175-873
Description  17 SXGA TFT Fanless Super Slim Touch Panel Computer with 3rd Generation Intel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IFO2175-873 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IFO2175-873_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. IFO2175-873_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
639
* All specifications and photos are subject to change without notice.
IFO2175-873
Features
17" SXGA TFT Fanless Super Slim Touch
Panel Computer with 3rd Generation Intel®
Core™ i7/i5/i3 & Celeron® Processor
17” (350 nits) SXGA TFT LCD
Socket rPGA988B 3rd generation Intel® Core™ i7/i5/i3
(Ivy Bridge) & Celeron® processor
Intel® QM77 chipset
USB 3.0 supported
IP65 front bezel and IPX1 full enclosure water/dust proof
design
Optional one PCI or PCIe x4 expansion slot
Optional Bluetooth/Wi-Fi (802.11 b/g/n)
Built-in 5 mega pixels camera
Supports optional wall mount/VESA arm/desktop stand
Introduction
Specifications
The IFO2175-873 is a slim panel computer equipped with a 17-inch 350 nits high
brightness SXGA LCD display that supports an 3rd generation Intel® Core™ i7/i5/i3 &
Celeron® processors up to 35W with Intel® QM77 chipset. The Intel® HD Graphics
engine with DX11 support is built into the chipset to provide fast graphics performance.
The panel PC also supports DualView and multiple I/O options including 4 USB and
1 RS-232/422/485 ports. The built-in 5 mega pixels camera and microphone/speakers
can provide a solution for VoIP and remote monitoring. The IFO2175-873 also supports an
antenna for wireless (802.11 b/g/n) connection. Its dual Gigabit Ethernet ports provide
high speed Ethernet as well as a high reliable redundancy host connection. This robust
unit is designed to be work under minimal noise levels, low power consumption, high
reliability and while maintaining efficient performance. Its excellent industrial design (ID)
and user friendly interface design make it an ideal solution best suited for infotainment,
advertising messaging, and other digital signage applications.
IPX1 Water/dust-proof Design for Entire System
The IPX1-rated water/dust-proof housing protects the entire system from outside damage
caused by water drip damage while installed at public or enclosed environments. Its
unique design improves system stability while saving time and money on maintenance
costs and re-installation time.
Front Bezel
Plastic ABS
LCD Panel
Display Type
17” SXGA TFT LCD
Brightness (cd/m
2)
350 nits
Resolution
1280 x 1024
Viewing Angle (H/V) 178°/178°
Main System
CPU
Socket rPGA988B 3rd generation
Intel® Core™ i7/i5/i3 & Celeron®
processor, TDP up to 35W
Chipset
Intel® QM77
System Memory
2 x 204-pin DDR3 SO-DIMM max.
up to 16GB
BIOS
AMI UEFI BIOS with OA 3.0 built
Storage
1 x 2.5" SATA HDD
1 x mSATA
Optical Drive
1 x Super Multi drive (optional)
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Intel® HD Graphic
Fanless
Low Power
DualView
IP65
IPX1
DDR3
DDR3
DDR3
7. COM 1 (RS-232/422/485)
8. Gigabit LAN x 2
9. USB 2.0 x 2
10. USB 3.0 x 2
11. Audio (Line-out/Mic-in)
12. DisplayPort
1. Brightness adjust +/-
2. Volume adjust
3. Power LED
4. Mic
5. Power on/off button
6. Speaker (R)
13. Power connector
14. Power switch
15. PCI or PCIe slot
16. Speaker (L)
1
3
5
2
4
Camera
8 9
12
14
15
13
10
7
11
6
16
Updated September 23, 2016.


Similar Part No. - IFO2175-873_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFO2175-873 AXIOMTEK-IFO2175-873_16 Datasheet
635Kb / 2P
Optional one PCI or PCIe x4 expansion slot
More results

Similar Description - IFO2175-873_17

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3177T-311-FR AXIOMTEK-GOT3177T-311-FR Datasheet
640Kb / 2P
17 SXGA TFT Flat Bezel Expandable Touch Panel Computer
GOT5152T-834 AXIOMTEK-GOT5152T-834_17 Datasheet
690Kb / 2P
15 XGA TFT Fanless Touch Panel Computer with Intel Celeron
P1157S-871 AXIOMTEK-P1157S-871_17 Datasheet
390Kb / 2P
15 XGA TFT Slim Industrial Touch Panel Computer with 3rd Gen
P1177E-842 AXIOMTEK-P1177E-842_17 Datasheet
376Kb / 2P
17 SXGA TFT Expandable Industrial Touch Panel Computer with Intel Celeron
P1177E-871 AXIOMTEK-P1177E-871_17 Datasheet
430Kb / 2P
17 SXGA TFT Expandable Industrial Touch Panel Computer with 3rd Gen
P1177S-871 AXIOMTEK-P1177S-871_17 Datasheet
376Kb / 2P
17 SXGA TFT Slim Industrial Touch Panel Computer with 3rd Gen
P1177S-881 AXIOMTEK-P1177S-881_17 Datasheet
416Kb / 2P
17 SXGA TFT Slim Industrial Touch Panel Computer with 4th Gen Intel Core
MPC175-873 AXIOMTEK-MPC175-873_17 Datasheet
755Kb / 2P
17 SXGA TFT Fanless Medical Grade Panel Computer with 3rd Gen Intel Core
P1177E-500 AXIOMTEK-P1177E-500 Datasheet
483Kb / 2P
17 SXGA TFT Expandable Industrial Touch Panel Computer
logo
Advantech Co., Ltd.
TPC-1782H ADVANTECH-TPC-1782H Datasheet
861Kb / 2P
17" SXGA TFT LED LCD Touch Panel 17" SXGA TFT LED LCD Touch Panel Computer with 4th Gen. Intel® Core™ i3 Processor
5-Jan-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com