Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29949AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29949AI
Description  2.5V or 3.3V 200-MHz 1:15 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29949AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29949AI Datasheet HTML 1Page - Cypress Semiconductor CY29949AI Datasheet HTML 2Page - Cypress Semiconductor CY29949AI Datasheet HTML 3Page - Cypress Semiconductor CY29949AI Datasheet HTML 4Page - Cypress Semiconductor CY29949AI Datasheet HTML 5Page - Cypress Semiconductor CY29949AI Datasheet HTML 6Page - Cypress Semiconductor CY29949AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY29949
Document #: 38-07289 Rev. *D
Page 2 of 7
Note:
1. PD = internal pull-down, PU = internal pull-up.
Pin Description[1]
Pin
Name
PWR
I/O
Description
6
PECL_CLK
I, PD PECL Input Clock
7
PECL_CLK#
I, PU PECL Input Clock
4, 5
TCLK(0,1)
I, PU External Reference/Test Clock Input
49, 51
QA(1,0)
VDDC
O
Clock Outputs
42, 44, 46
QB(2:0)
VDDC
O
Clock Outputs
31, 33, 35, 37 QC(3:0)
VDDC
O
Clock Outputs
16, 18, 20, 22,
24, 28
QD(5:0)
VDDC
O
Clock Outputs
9, 10, 11, 12
DSEL(A:D)
I, PD Divider Select Inputs. When HIGH, selects
÷2 input divider. When LOW,
selects
÷1 input divider.
2
TCLK_SEL
I, PD TCLK Select Input. When LOW, TCLK0 clock is selected and when
HIGH TCLK1 is selected.
8
PCLK_SEL
I, PD PECL Select Input. When HIGH, PECL clock is selected and when LOW
TCLK(0,1) is selected
1
MR/OE#
I, PD Output Enable Input. When asserted LOW, the outputs are enabled and
when asserted HIGH, internal flip-flops are reset and the outputs are
three-stated. If more than 1 bank is being used in /2 mode, a reset must
be performed (MR/OE# asserted high) after power-up to ensure that all
internal flip flops are set to the same state.
17, 21, 25, 32,
36, 41, 45, 50
VDDC
2.5V or 3.3V Power Supply for Output Clock Buffers
3VDD
2.5V or 3.3V Power Supply
13, 15, 19, 23,
29, 30, 34, 38,
43, 47, 48, 52
VSS
Common Ground
14, 26, 27, 39,
40,
NC
Not Connected



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com