Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECCP203 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECCP203
Description  2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCP203 Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECCP203 Datasheet HTML 1Page - E-CMOS Corporation ECCP203 Datasheet HTML 2Page - E-CMOS Corporation ECCP203 Datasheet HTML 3Page - E-CMOS Corporation ECCP203 Datasheet HTML 4Page - E-CMOS Corporation ECCP203 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2.0A Surface Mount General Purpose
Rectifiers - 50V-1000V
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 5
4L03N-Rev. F001
ECCP201-ECCP207
Rating and characteristic curves
SYMBOLS
*1
VRRM
(V)
*2
VRMS
(V)
*3
VR
(V)
*4
VF
(V)
Operating
temperature
T J, ( OC)
ECCP201
50
35
50
ECCP202
100
70
100
ECCP203
200
140
200
ECCP204
400
280
400
ECCP205
600
420
600
ECCP206
800
560
800
ECCP207
1000
700
1000
1.1
-55 to +150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com