Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F607 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # F607
Description  ULTRAHIGH - SPEED SWITCHING, MOTOR DRIVER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

F607 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  F607 Datasheet HTML 1Page - Sanyo Semicon Device F607 Datasheet HTML 2Page - Sanyo Semicon Device F607 Datasheet HTML 3Page - Sanyo Semicon Device F607 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
52098HA (KT)/71095MO(KOTO) TA-0113 No.4890-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N-Channel Silicon MOSFET
Ultrahigh-Speed Switching,
Motor Driver Applications
Ordering number:EN4890
FX607
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
5
1V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
0
2
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
2
.
1A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
W
P
≤
e
l
c
y
c
y
t
u
d
,
s
µ
0
1
≤ %
18
.
4A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
A
PD
6W
PD
5
.
1W
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
2W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Package Dimensions
unit:mm
2120
[FX607]
1:Gate1
2:Source1
3:Source2
4:Gate2
5:Drain2
6:Drain1
SANYO:XP6
(Bottom view)
Features
· Composite type composed of two low ON-resistance
N-channel MOSFET chips for ultrahigh-speed
switching and low-voltage drive.
· Facilitates high-density mounting.
· The FX607 is formed with two chips, each being
equivalent to the 2SK2260, placed in one package.
· Matched pair characteristics.
· Marking:607
Continued on next page.
Switching Time Test CIrcuit
Specifications
Absolute Maximum Ratings at Ta = 25˚C
˚C
˚C
Mounted on ceramic board (750mm2
×0.8mm) 1 unit
Mounted on ceramic board (750mm2
×0.8mm)
Tc=25˚C, 1 unit
Electrical Connection
1:Gate1
2:Source1
3:Source2
4:Gate2
5:Drain2
6:Drain1
(Top view)


Similar Part No. - F607

ManufacturerPart #DatasheetDescription
logo
Chauvin Arnoux Metrix
F607 CHAUVINARNOUX-F607 Datasheet
1Mb / 8P
AC, DC and ACDC TRMS Clamp Multimeters
04/2019
More results

Similar Description - F607

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK2406 SANYO-2SK2406 Datasheet
88Kb / 3P
Ultrahigh-Speed Switching, Motor Driver Applications
FX607 SANYO-FX607 Datasheet
108Kb / 4P
Ultrahigh-Speed Switching, Motor Driver Applications
2SK2628LS SANYO-2SK2628LS Datasheet
28Kb / 4P
Ultrahigh-Speed Switching Applications
CPH3418 SANYO-CPH3418 Datasheet
27Kb / 4P
Ultrahigh-Speed Switching Applications
2SK3614 SANYO-2SK3614 Datasheet
59Kb / 4P
UltraHigh-Speed Switching Applications
2SK3486 SANYO-2SK3486 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3445 SANYO-MCH3445 Datasheet
46Kb / 3P
Ultrahigh-Speed Switching Applications
CPH6412 SANYO-CPH6412 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
FTS1011 SANYO-FTS1011 Datasheet
31Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3319 SANYO-MCH3319 Datasheet
33Kb / 4P
Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com