Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALE2045T2 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALE2045T2
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALE2045T2 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALE2045T2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALE2045T2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALE2045T2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALE2045T2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
September 2017
plerowTM ALE2045T2
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
1920 MHz
2045 MHz
2170 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
26.57
-20.19
-29.01
25.85
1.47
-30.67
-29.82
25.10
-22.84
-20.33
4.75 V
26.64
-19.87
-27.04
25.92
1.47
-28.03
-32.21
25.17
-22.88
-21.21
5.00 V
26.69
-19.57
-25.81
25.97
1.46
-26.33
-33.62
25.23
-22.70
-21.71
5.25 V
26.70
-18.94
-24.67
25.99
1.45
-24.24
-32.65
25.25
-22.43
-22.08
5.50 V
26.67
-18.31
-23.92
25.97
1.43
-22.72
-30.34
25.24
-22.06
-22.19
1920 MHz
2045 MHz
2170 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
40.46
23.33
0.588
40.70
23.42
0.647
40.70
23.53
0.711
4.75 V
42.72
23.94
0.623
43.03
24.07
0.659
42.62
24.19
0.755
5.00 V
43.23
24.50
0.656
43.27
24.68
0.714
43.65
24.76
0.794
5.25 V
42.64
25.00
0.687
41.62
25.21
0.755
41.59
25.26
0.873
5.50 V
40.92
25.45
0.753
40.01
25.68
0.814
39.78
25.72
0.922
1920 MHz
2045 MHz
2170 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
27.07
-16.58
-18.86
26.35
1.36
-21.21
-22.67
25.71
-21.95
-22.94
-10
C
26.87
-17.63
-22.30
26.13
1.41
-24.11
-26.66
25.46
-22.83
-22.25
25
C
26.55
-19.22
-24.90
25.78
1.47
-24.48
-26.70
25.08
-21.72
-21.96
60
C
26.33
-18.67
-26.43
25.60
1.40
-23.85
-25.53
24.93
-20.68
-19.94
85
C
26.04
-17.61
-27.42
25.28
1.54
-22.56
-23.62
24.50
-20.17
-19.15
1920 MHz
2045 MHz
2170 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
40.17
24.10
0.322
40.42
24.20
0.353
40.76
23.89
0.377
-10
C
42.46
24.38
0.454
43.01
24.35
0.468
43.14
24.54
0.493
25
C
43.15
24.45
0.698
43.23
24.50
0.713
43.50
24.60
0.736
60
C
42.18
24.51
0.873
42.79
24.09
0.902
42.86
24.09
0.937
85
C
40.79
24.36
1.143
41.26
23.62
1.167
41.00
23.96
1.196
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com