Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2017-P29 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # APM2017-P29
Description  Medium Power Amplifier Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

APM2017-P29 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  APM2017-P29 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. APM2017-P29 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. APM2017-P29 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. APM2017-P29 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. APM2017-P29 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. APM2017-P29 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
www.asb.co.kr
September 2017
plerowTM APM2017-P29
Low Noise & High OIP3
Medium Power Amplifier Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
2010 MHz
2017.5 MHz
2025 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
33.09
-21.12
-13.31
32.98
0.20
-20.95
-13.39
32.89
-20.78
-13.40
4.75 V
33.14
-20.87
-12.85
33.04
0.19
-20.54
-12.90
32.95
-20.55
-12.86
5.00 V
33.26
-20.63
-12.51
33.16
0.19
-20.29
-12.54
33.07
-20.12
-12.56
5.25 V
33.34
-20.74
-12.24
33.23
0.20
-20.45
-12.27
33.14
-20.31
-12.25
5.50 V
33.36
-21.02
-12.06
33.25
0.21
-20.72
-12.10
33.15
-20.51
-12.09
2010 MHz
2017.5 MHz
2025 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
40.02
29.70
1.543
40.01
29.65
1.571
40.18
29.66
1.583
4.75 V
42.72
30.20
1.682
42.63
30.15
1.685
42.01
30.14
1.707
5.00 V
47.45
30.53
1.743
47.34
30.50
1.808
47.25
30.45
1.843
5.25 V
49.90
30.70
1.927
50.03
30.77
1.938
49.73
30.75
1.959
5.50 V
46.40
30.90
2.060
46.51
30.96
2.076
46.40
30.92
2.098
2010 MHz
2017.5 MHz
2025 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
34.39
-17.54
-12.28
34.23
0.25
-17.77
-12.27
34.14
-18.03
-12.32
-10
C
33.96
-18.54
-12.36
33.76
0.27
-18.75
-12.36
33.69
-18.97
-12.33
25
C
33.26
-20.02
-12.32
33.11
0.22
-20.01
-12.37
33.04
-20.26
-12.38
60
C
32.80
-20.94
-12.42
32.64
0.25
-21.21
-12.47
32.55
-21.36
-12.43
85
C
32.24
-22.43
-12.65
32.07
0.24
-22.74
-12.67
32.00
-22.77
-12.59
2010 MHz
2017.5 MHz
2025 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
44.60
30.12
1.509
44.57
30.15
1.527
44.32
30.05
1.555
-10
C
45.70
30.35
1.653
45.62
30.22
1.650
45.40
30.12
1.687
25
C
47.45
30.47
1.736
47.35
30.40
1.753
47.10
30.30
1.805
60
C
49.92
30.05
2.112
49.87
29.96
2.143
49.74
29.90
2.151
85
C
47.65
29.82
2.641
47.60
29.71
2.676
47.50
29.65
2.753
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com