Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM2140-P29 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # APM2140-P29
Description  Medium Power Amplifier Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

APM2140-P29 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  APM2140-P29 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. APM2140-P29 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. APM2140-P29 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. APM2140-P29 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. APM2140-P29 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. APM2140-P29 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
www.asb.co.kr
August 2017
plerowTM APM2140-P29
Low Noise & High OIP3
Medium Power Amplifier Module
S-parameters
OIP3
P1dB
2110~2170 MHz
+5 V
Stability Factor (K)
Typical Performance
(Measured)
Noise Figure



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com