Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78 Datasheet(PDF) 5 Page - SMSC Corporation

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C78 Datasheet(HTML) 5 Page - SMSC Corporation

  FDC37C78 Datasheet HTML 1Page - SMSC Corporation FDC37C78 Datasheet HTML 2Page - SMSC Corporation FDC37C78 Datasheet HTML 3Page - SMSC Corporation FDC37C78 Datasheet HTML 4Page - SMSC Corporation FDC37C78 Datasheet HTML 5Page - SMSC Corporation FDC37C78 Datasheet HTML 6Page - SMSC Corporation FDC37C78 Datasheet HTML 7Page - SMSC Corporation FDC37C78 Datasheet HTML 8Page - SMSC Corporation FDC37C78 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
5
FDC37C78 PIN OUT
FDC37C78 48 Pin FDC
PIN #
NAME
PIN #
NAME
1
nDACK
25
MEDIA_ID0
2
D0
26
MEDIA_ID1
3
D1
27
nWDATA
4
D2
28
nWGATE
5
D3
29
nHDSEL
6
VSS
30
VSS
7
VCC
31
nSTEP
8
D4
32
VCC
9
D5
33
nDIR
10
D6
34
nMTR1/IDLE
11
D7
35
nDS1/PD
12
VCC
36
nMTR0
13
IRQ
37
nDS0
14
TC
38
RESET
15
nTRK0
39
X2
16
nINDEX
40
X1
17
nWRTPRT
41
VSS
18
VSS
42
A2
19
VCC
43
A1
20
nDSKCHG
44
A0
21
nRDATA
45
nCS
22
DRVDEN0
46
nIOR
23
DRVDEN1
47
nIOW
24
DENSEL
48
DRQ
Note: “n” denotes active low signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com