Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

097RLP7 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 097RLP7
Description  Aluminum Electrolytic Capacitors Radial Low Profile, 7 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

097RLP7 Datasheet(HTML) 2 Page - Vishay Siliconix

  097RLP7 Datasheet HTML 1Page - Vishay Siliconix 097RLP7 Datasheet HTML 2Page - Vishay Siliconix 097RLP7 Datasheet HTML 3Page - Vishay Siliconix 097RLP7 Datasheet HTML 4Page - Vishay Siliconix 097RLP7 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
097 RLP 7
www.vishay.com
Vishay BCcomponents
Revision: 14-Feb-17
2
Document Number: 28308
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 2 - Form CA: Long leads
Fig. 3 - Form TFA: Taped in box (ammopack),
formed leads, pitch F = 5 mm
Fig. 4 - Form TNA: Taped in box (ammopack), pitch F = 2.5 mm
Table 1
Note
• For detailed tape dimensions please see www.vishay.com/doc?28360
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 097 series
100 μF / 16 V; ± 20 %
Nominal case size: Ø 6.3 mm x 7 mm; form TFA
Ordering code: MAL209735101E6
Former 12NC: 2222 097 35101
Ø D
F
± 0.5
15
min.
5
min.
Ø d
+
-
DIMENSIONS in millimeters AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
Ø D x L
CASE
CODE
Ø d
Ø Dmax.
Lmax.
F
PACKAGING QUANTITIES
FORM CA
FORM TFA
FORM TNA
4 x 7
71
0.45
4.5
8
1.5 ± 0.5
2000
2000
2000
5 x 7
72
0.45
5.5
8
2.0 ± 0.5
1000
2000
2000
6.3 x 7
73
0.45
6.8
8
2.5 ± 0.5
1000
2000
2000
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 120 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 120 Hz, 85 °C
IL2
Max. leakage current after 2 min at UR
tan
Max. dissipation factor at 120 Hz
Z
Max. impedance at 100 kHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com