Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116RLL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 116RLL
Description  Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116RLL Datasheet(HTML) 5 Page - Vishay Siliconix

  116RLL_16 Datasheet HTML 1Page - Vishay Siliconix 116RLL_16 Datasheet HTML 2Page - Vishay Siliconix 116RLL_16 Datasheet HTML 3Page - Vishay Siliconix 116RLL_16 Datasheet HTML 4Page - Vishay Siliconix 116RLL_16 Datasheet HTML 5Page - Vishay Siliconix 116RLL_16 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
116 RLL
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
5
Document Number: 28316
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Fig. 10 - Multiplier of useful life as a function of ambient temperature and ripple current load
Table 3
Table 4
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR = 6.3 V TO 10 V
UR = 16 V TO 35 V
UR = 40 V TO 100 V (CR  10 μF)
50
0.70
0.60
0.50
100
0.77
0.71
0.63
300
0.86
0.85
0.78
1000
0.92
0.93
0.88
3000
0.96
0.96
0.94
10K to 100K
1.00
1.00
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4 /
EN 130300
subclause 4.13
Tamb = 105 °C; UR applied;
1500 h
UR  6.3 V; C/C: +15 % / -30 %
UR > 6.3 V; C/C: ± 15 %
tan
  1.3 x spec. limit
Z
 2 x spec. limit
IL5  spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
2000 h
UR  6.3 V; C/C: +45 % / -50 %
UR > 6.3 V; C/C: ± 45 %
tan
  3 x spec. limit
Z
 3 x spec. limit
IL5  spec. limit
no short or open circuit
total failure percentage:
1%
Shelf life
(storage at
high temperature)
IEC 60384-4 /
EN 130300
subclause 4.17
Tamb = 105 °C; no voltage applied;
1500 h
After test: UR to be applied for 30 min, 24 h to 48 h
before measurement
C/C, tan , Z: 
For requirements see
“Endurance test” above
IL5  2 x spec. limit
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
I
A
R
I
(1)
Lifetime multiplier
T
amb (°C)
I
A = Actual ripple current at 100 Hz
I
R = Rated ripple current at 100 Hz, 105 °C
(1) Useful life at 105 °C and I
R applied: 2000 h
40
50
60
70
80
90
100
110
MEA240



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com