Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLT41016 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # GLT41016
Description  64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT41016 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GLT41016 Datasheet HTML 15Page - List of Unclassifed Manufacturers GLT41016 Datasheet HTML 16Page - List of Unclassifed Manufacturers GLT41016 Datasheet HTML 17Page - List of Unclassifed Manufacturers GLT41016 Datasheet HTML 18Page - List of Unclassifed Manufacturers GLT41016 Datasheet HTML 19Page - List of Unclassifed Manufacturers GLT41016 Datasheet HTML 20Page - List of Unclassifed Manufacturers GLT41016 Datasheet HTML 21Page - List of Unclassifed Manufacturers GLT41016 Datasheet HTML 22Page - List of Unclassifed Manufacturers GLT41016 Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
G -LINK
GLT41016
64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
Dec 1998 (Rev 2.1)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 21 -
Part Number
SPEED
POWER
FEATURE
PACKAGE
GLT41016-30J4
30ns
Normal
EDO
SOJ 400mil 40L
GLT41016-35J4
35ns
Normal
EDO
SOJ 400mil 40L
GLT41016-40J4
40ns
Normal
EDO
SOJ 400mil 40L
GLT41016-45J4
45ns
Normal
EDO
SOJ 400mil 40L
GLT41016-30TC
30ns
Normal
EDO
TSOP 400mil 44L
GLT41016-35TC
35ns
Normal
EDO
TSOP 400mil 44L
GLT41016-40TC
40ns
Normal
EDO
TSOP 400mil 44L
GLT41016-45TC
45ns
Normal
EDO
TSOP 400mil 44L
Parts Numbers (Top Mark) Definition :
GLT 4 10
16 - 40 J4
Note : CÙCDROM , HÙHDD.
Example :
1.GLT710008-15T
1Mbit(128Kx8)15ns 5V SRAM PDIP(300mil)Package type.
2.GLT44016-40J4
4Mbit(256Kx16)40ns 5V DRAM SOJ(400mil)Package type.
4 : DRAM
6 : Standard
SRAM
7 : Cache SRAM
8 : Synchronous
Burst SRAM
-SRAM
064 : 8K
256 : 256K
512 : 512K
100 : 1M
-DRAM
10 : 1M(C/EDO)*
11 : 1M(C/FPM)*
12 : 1M(H/EDO)*
13 : 1M(H/FPM)*
20 : 2M(EDO)
21 : 2M(FPM)
40 : 4M(EDO)
41 : 4M(FPM)
80 : 8M(EDO)
81 : 8M(FPM)
*See note
VOLTAGE
Blank : 5V
L : 3.3V
M : Mix Voltage
CONFIG.
04 : x04
08 : x08
16 : x16
32 : x32
SPEED
-SRAM
12 : 12ns
15 : 15ns
20 : 20ns
70 : 70ns
-DRAM
35 : 35ns
40 : 40ns
45 : 45ns
50 : 50ns
60 : 60ns
PACKAGE
T : PDIP(300mil)
TS : TSOP(Type I)
TC : TSOP(Type ll)
PL : PLCC
FA : 300mil SOP
FB : 330mil SOP
FC : 445mil SOP
J3 : 300mil SOJ
J4 : 400mil SOJ
P : PDIP(600mil)
Q : PQFP
TQ : TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com