Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4556BEY Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4556BEY
Description  DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER OUTPUT LOW ON SELECT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4556BEY Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4556BEY Datasheet HTML 1Page - STMicroelectronics HCF4556BEY Datasheet HTML 2Page - STMicroelectronics HCF4556BEY Datasheet HTML 3Page - STMicroelectronics HCF4556BEY Datasheet HTML 4Page - STMicroelectronics HCF4556BEY Datasheet HTML 5Page - STMicroelectronics HCF4556BEY Datasheet HTML 6Page - STMicroelectronics HCF4556BEY Datasheet HTML 7Page - STMicroelectronics HCF4556BEY Datasheet HTML 8Page - STMicroelectronics HCF4556BEY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
September 2001
s
EXPANDABLE WITH MULTIPLE PACKAGES
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4556B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4556B is a dual 1 of 4 decoder/
demultiplexer. Each decoder has two select inputs
(A and B), an Enable input (E), and four mutually
exclusive outputs. On the HCF4556B the outputs
are low on select. When the Enable input is high,
the outputs is high regardless of the state of the
select inputs A and B.
HCF4556B
DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER
OUTPUT LOW ON SELECT
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4556BEY
SOP
HCF4556BM1
HCF4556M013TR
DIP
SOP


Similar Part No. - HCF4556BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4556BEY STMICROELECTRONICS-HCF4556BEY Datasheet
316Kb / 14P
DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
Jun-1989
More results

Similar Description - HCF4556BEY

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
logo
STMicroelectronics
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
316Kb / 14P
DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
Jun-1989
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
STMicroelectronics
HCF4555B STMICROELECTRONICS-HCF4555B Datasheet
524Kb / 10P
DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXER OUTPUT HIGH ON SELECT
September 2001
logo
ON Semiconductor
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC14555B ONSEMI-MC14555B_06 Datasheet
96Kb / 6P
Dual Binary to 1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 8
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com