Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC30A Datasheet(PDF) 3 Page - StarHope

Part # ASC30A
Description  Glass passivated chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASC30A Datasheet(HTML) 3 Page - StarHope

  ASC30A Datasheet HTML 1Page - StarHope ASC30A Datasheet HTML 2Page - StarHope ASC30A Datasheet HTML 3Page - StarHope ASC30A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AUTO TVS/ASC Series
03 | www.spsemi.cn
(millimeters)
Recommended Mounting Pad Layout
11.0
9.5
15.8
3.5
3.0
3.3
PACKAGE OUTLINE DIMENSIONS
Fig. 5 Ri-Vs chart for ISO-16750-2 Test A : 24V System
REV.2016.01.04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com