Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASC40A Datasheet(PDF) 1 Page - StarHope

Part # ASC40A
Description  Glass passivated chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

ASC40A Datasheet(HTML) 1 Page - StarHope

  ASC40A Datasheet HTML 1Page - StarHope ASC40A Datasheet HTML 2Page - StarHope ASC40A Datasheet HTML 3Page - StarHope ASC40A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AUTO TVS/ASC Series
Features
Very fast response time
RoHS compliant
Excellent clamping capability
Glass passivated chip
10KW peak pulse power capability with a
10/1000 s waveform, repetitive rate (duty
cycle):0.01 %
Meet AEC-Q101 requirement
Low leakage
Uni-directional polarity
>
>
>
>
>
>
>
>
Mechanical Data
Epoxy: UL 94V-0 rate flame retardant
Polarity: Heatsink is anode
>
>
>
01 | www.spsemi.cn
REV.2016.01.04
NOTE: Surge current waveform is defined at 10/1000uS waveform
24v System (202V 4
350ms 10c)
Ω
ISO 16750-2 Test A
IEC Compatibility
>
Electrical Characteristics
DO-218AB/SOD-BLOCK
Plastic package
Part Number
(Uni)
Working
Peak Reverse
Voltage VRWM
(V)
Breakdown Voltage VBR @I T
Maximum
Reverse
Leakage IR
@VRWM(uA)
Maximum
IR@VRWM
TJ=175
(uA)
Maximu
Reverse Surge
Current I PP
(A)
(1)
Maximum
Clamping
Voltage
VC@I PP (V)
Min(V) Max(V)
IT(mA)
ASC30A
30
33.3
36.8
5
10
150
206.6
48.4
ASC33A
33
36.7
40.6
5
10
150
187.6
53.3
ASC36A
36
40.0
44.2
5
10
150
172.1
58.1
ASC40A
40
44.4
49.1
5
10
150
155.0
64.5


Similar Part No. - ASC40A

ManufacturerPart #DatasheetDescription
logo
I.L.M.E. S.p.A.
ASC42T ILME-ASC42T Datasheet
216Kb / 1P
ILME Multipole Connectors
More results

Similar Description - ASC40A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP170 LUGUANG-5KP170 Datasheet
425Kb / 4P
Glass passivated chip
logo
Bruckewell Technology L...
FR301_7G BWTECH-FR301_7G Datasheet
361Kb / 4P
Glass passivated chip
logo
Kersemi Electronic Co.,...
MUR2010CT KERSEMI-MUR2010CT Datasheet
1Mb / 2P
Glass passivated chip
logo
Comchip Technology
1N4728A-G COMCHIP-1N4728A-G Datasheet
125Kb / 6P
Glass passivated chip.
logo
Micro Commercial Compon...
MD100A08D1 MCC-MD100A08D1 Datasheet
476Kb / 4P
Glass passivated chip
MD100S08M3 MCC-MD100S08M3 Datasheet
512Kb / 4P
Glass passivated chip
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
Glass passivated chip
TBS20A MCC-TBS20A Datasheet
371Kb / 3P
Glass passivated chip
logo
New Jersey Semi-Conduct...
MUR1605 NJSEMI-MUR1605 Datasheet
93Kb / 1P
Glass passivated chip
logo
Shanghai Leiditech Elec...
SMAJ3.3LIR LEIDITECH-SMAJ3.3LIR Datasheet
1,016Kb / 3P
Glass passivated chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com