Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPL4502 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ICPL4502
Description  HIGH SPEED, NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICPL4502 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ICPL4502 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICPL4502 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICPL4502 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICPL4502 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SWITCHING SPECIFICATIONS AT T
A = 25°C ( VCC = 5V, IF = 16mA Unless otherwise noted )
PARAMETER
SYM DEVICE
MIN TYP MAX UNITS
TEST CONDITION
0.2
0.8
µs
R
L = 1.9kΩ,( note 8 )
Το Logic Low at Output ( fig 1 )
Propagation Delay Time
t
PLH
0.2
0.8
µs
R
L = 1.9kΩ,( note 8 )
Το Logic High at Output ( fig 1)
Common Mode Transient
Immunity at Logic High
CM
H
10000
V/
µs
I
F = 0mA, VCM = 10VPP
Level Output ( fig 2 )
R
L = 1.9kΩ,(note 7,8 )
Common Mode Transient
Immunity at Logic Low
CM
L
-10000
V/
µs
V
CM = 10VPP
Level Output ( fig 2 )
R
L = 1.9kΩ,(note 7,8 )
Bandwidth
BW
2
MHz
R
L = 100Ω, (note 9 )
NOTES:-
1.
Derate linearly above 70oC free air temperature at a rate of 0.8 mA/°C.
2.
Derate linearly above 70oC free air temperature at a rate of 1.6 mA/°C.
3.
Derate linearly above 70oC free air temperature at a rate of 0.9 mW/°C.
4.
Derate linearly above 70oC free air temperature at a rate of 1.0 mW/°C.
5.
CURRENT TRANSFER RATIO is defined as the ratio of output collector current,I
O , to the forward LED
input current, I
F times 100%.
6.
Device considered a two-terminal device: pins 1,2,3, and 4 shorted together and pins 5,6,7 and 8 shorted
together.
7.
Common mode transient immunity in Logic High level is the maximum tolerable (positive) dVcm/dt on
the leading edge of the common mode pulse V
CM to assure that the output will remain in a Logic High
state (i.e. V
O > 2.0V).
Common mode transient immunity in Logic Low level is the maximum tolerable
(negative) dVcm/dt on the trailing edge of the common mode pulse signal, V
CM to assure that the output
will remain in Logic Low state (i.e. V
O< 0.8V).
8.
The 1.9k
Ω load represents 1 TTL unit load of 1.6mA and the 5.6kΩ pull-up resistor.
9.
The frequency at which the a.c. output voltage is 3dB below the low frequency asymptote.
Propagation Delay Time
t
PHL
FIG.1 SWITCHING TEST CIRCUIT
2
I
F Monitor
0
I
F
V
O
1.5V
100
Ω
1.5V
5V
t
PHL
t
PLH
V
OL
R
L
V
O
C
L = 15pF
8
7
6
5
PULSE
GENERATOR
Z
O = 50Ω
t
r = 5ns
I
F
1
4
3
10% Duty Cycle
1/f < 100
µs
5V
DB91008-AAS/A2
7/12/00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com