Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT81012 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT81012
Description  EasyVoice Speech
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT81012 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT81012 Datasheet HTML 9Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 10Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 11Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 12Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 13Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 14Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 15Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 16Page - Holtek Semiconductor Inc HT81012 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
HT81XXX
Rev. 1.40
13
March 1, 2005
· 6Hz/6HzB flash
When voices are playing, the FLAG1 pin outputs a
6Hz signal to drive a LED. The signal is active low,
25% duty. Once the voice output is terminated, the
FLAG1 pin becomes a floating output. When the
FLAG1 and the FLAG2 pins are optioned as 6HzB
and 6Hz outputs, they will alternately output at a
6Hz rate.
· Busy output
When a voice group is playing, the outputs of both
FLAG1 and FLAG2 are turned low, indicating that the
chip is busy.
In addition to the above-stated output signals, FLAG1
can also generate one of the following signals by code
option:
¨ End-pulse output
When the voice output is completed, the FLAG1 pin
outputs an active low pulse. The pulse width can be
programmed depending on the customer
¢s require-
ments.
The FLAG1 as well as FLAG2 pins are both floating
outputs when the chip is in the standby state.
Volume Control
The function of the volume control can be set by mask
option. A code is written in the function table for the pur-
pose of controlling the volume of each section output af-
ter the volume control function is chosen. There are two
volume options, namely; full range and half range.
I/O2
The I/O2 pin is a PWM structure. It outputs voice signals
to drive a speaker through an external NPN transistor
when the chip is active. The OUT1 and OUT2 pins are
configured as PWM structure which can drive 8/16/32
W
speaker directly.
An 8050 type transistor with hFE
@150 is recommended
for an output driver.
A U D
F L A G
: F l o a t i n g
A U D
F L A G
: F l o a t i n g
O U T 1
O S C I
O U T 2
R O S C
H T 8 1 X X X
S P K
O U T 3
S P K
V D D
O S C I
R O S C
H T 8 1 X X X
A U D
F L A G
: F l o a t i n g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com