Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GAAL35ZP Datasheet(PDF) 5 Page - GOOD-ARK Electronics

Part # GAAL35ZP
Description  PRESS FIT AUTOMOTIVE RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GAAL35ZP Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  GAAL35ZP Datasheet HTML 1Page - GOOD-ARK Electronics GAAL35ZP Datasheet HTML 2Page - GOOD-ARK Electronics GAAL35ZP Datasheet HTML 3Page - GOOD-ARK Electronics GAAL35ZP Datasheet HTML 4Page - GOOD-ARK Electronics GAAL35ZP Datasheet HTML 5Page - GOOD-ARK Electronics GAAL35ZP Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRESS FIT AUTOMOTIVE RECTIFIER
苏州固锝电子股份有限公司
SUZHOU GOOD-ARK ELECTRONIC CO., LTD
4.2
25A
24V-32V
(GAAL25Z)
Electrical Characteristics @25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
20
20
20
Volts
Average Rectified Forward Current (TC=105°C)
Io
25
Amps
Repetitive Peak Reverse Surge Current
TC =10msec Dury Cycle <1%
IRSM
25
Amps
Breakdown Voltage (Vbr@Ir=100mA, TC=25°C)
Ir=60Amps, Tc=150
°C, PW=80μ sec
Vbr1
Vbr2
24
25/27
32
40
Volts
Volts
Forward Voltage Drop (Vfwd)@If=100Amps<300 μ
sec
VF
0.98
1.05
1.10
Volts
Peak Forward Surge Current
IFSM
400
Amps
Reverse Leakage (VR=20Vdc)TA=25°C
IR
0.2
1.0
2.0
μ Amps
Operating and Storage Junction Temperature Range
TJ, TSTG
-40 to+175
°C
4.3
35A
19V-25V
(GAAL35L)
Electrical Characteristics @25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
17
17
17
Volts
Average Rectified Forward Current (TC=105°C)
Io
35
Amps
Repetitive Peak Reverse Surge Current
TC =10msec Dury Cycle <1%
IRSM
35
Amps
Breakdown Voltage (Vbr@Ir=100mA,TC=25°C)
Ir=60Amps, Tc=150
°C, PW=80μ sec
Vbr1
Vbr2
19
22
25
32
Volts
Volts
Forward Voltage Drop (Vfwd)@If=100Amps<300 μ sec
VF
0.98
1.05
1.09
Volts
Peak Forward Surge Current
IFSM
500
Amps
Reverse Leakage (VR=17Vdc)TA=25°C
IR
0.2
1.0
2.0
μ Amps
Operating and Storage Junction Temperature Range
TJ, TSTG
-40 to+175
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com