Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9289 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9289
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9289 Datasheet HTML 17Page - Analog Devices AD9289 Datasheet HTML 18Page - Analog Devices AD9289 Datasheet HTML 19Page - Analog Devices AD9289 Datasheet HTML 20Page - Analog Devices AD9289 Datasheet HTML 21Page - Analog Devices AD9289 Datasheet HTML 22Page - Analog Devices AD9289 Datasheet HTML 23Page - Analog Devices AD9289 Datasheet HTML 24Page - Analog Devices AD9289 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AD9289
Rev. 0 | Page 20 of 32
EVALUATION BOARD
The AD9289 evaluation board provides all of the support cir-
cuitry required to operate the ADC in its various modes and
configurations. The converter can be driven differentially
through a transformer (default) or the AD8351 driver. Provi-
sions have also been made to drive the ADC single-ended.
Separate power pins are provided to isolate the DUT from the
support circuitry. Each input configuration can be selected by
proper connection of various jumpers (refer to the schematics).
Figure 37 shows the typical bench characterization setup used
to evaluate the ac performance of the AD9289. It is critical that
the signal sources that are used have very low phase noise
(< 1 ps rms jitter) to realize the ultimate performance of the
converter. Proper filtering of the analog input signal to
remove harmonics and lower the integrated or broadband
noise at the input is also necessary to achieve the specified
noise performance.
See Figure 37 to Figure 47 for complete schematics and layout
plots, which demonstrate the routing and grounding techniques
that should be applied at the system level.
ROHDE AND SCHWARZ,
SMHU,
2V p-p SIGNAL
SYNTHESIZER
ROHDE AND SCHWARZ,
SMHU,
2V p-p SIGNAL
SYNTHESIZER
BAND-PASS
FILTER
3.0V
–+
–
+
–+
3.3V
XFMR
INPUT
CLK
CHA–CHD
8-BIT
SERIAL
LVDS
2 CH
8-BIT
PARALLEL
CMOS
USB
CONNECTION
AD9289
EVALUATION BOARD
HSC-ADC-FPGA
HIGH-SPEED
DE-SERIALIZATION
BOARD
HSC-ADC-EVAL-DC
FIFO DATA
CAPTURE
BOARD
PC
RUNNING
ADC
ANALYZER
3.0V
Figure 37. Evaluation Board Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com